Electronic Components Datasheet Search
  English  ▼

X  

RH56D-PCI Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # RH56D-PCI
Description  MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH56D-PCI Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button RH56D-PCI Datasheet HTML 38Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 39Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 40Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 41Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 42Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 43Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 44Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 45Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
RH56D-PCI Modem Designer’s Guide
4-8
Conexant
1213
Conexant Proprietary Information
4.2.8 Modem Analog Interface
This is a critical portion of the layout. Failure to do this correctly will result in poor modem performance. The signals between
the transformer and the device are all analog signals.
1.
Conexant devices that connect to the transformer have an analog area separate from the digital. Keep them separate.
2.
Keep all digital signals away from the transformer and associated analog signals. Following is the list of critical analog
signals that should never get near digital signals.
Signal
Routing
TXA1
Route in close proximity to TXA2.
TXA2
Route in close proximity to TXA1.
RXA
Very sensitive; minimize trace length and its exposure to other signals, especially digital. Use a
12-mil trace.
MIC_V
Very sensitive; minimize trace length and its exposure to other signals, especially digital.
VC
Very sensitive; place decoupling capacitor network as close as possible with the shortest path to
AGND pin. Only then, tie to a good local analog ground. Use 12-mil or thicker traces. Use ferrite
bead in AGND lead is necessary. Avoid loading by external circuits.
VREF
Place decoupling capacitor network as close as possible. Use 12-mil or thicker traces.
TELIN
TELOUT
3.
Provide a separate local analog ground plane for the analog signals listed above.
4.
Rotate the modem device(s) so that the routing to the transformer is as short as possible. That way the traces can be
short and the opportunity for digital signals to compromise the analog signals is decreased.
5.
Do not put vias on these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com