Electronic Components Datasheet Search
  English  ▼

X  

RH56D-PCI Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # RH56D-PCI
Description  MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH56D-PCI Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button RH56D-PCI Datasheet HTML 49Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 50Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 51Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 52Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 53Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 54Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 55Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 56Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
RH56D-PCI Modem Designer’s Guide
1213
Conexant
5-5
Conexant Proprietary Information
5.2 BASE ADDRESS REGISTER
BIF provides a single Base Address Register. The Base Address Register is a 32 bit register that is used to access the BIF
register set. Bits 3:0 are hard-wired to 0 to indicate memory space. Bits 15-4 will be hard-wired to 0. The remaining bits (31 -
16) will be read/write. This specifies that this device requires a 64k byte address space. After reset, the Base Address
Register contains 0x00000000.
The 64k byte address space used by the BIF is divided into 4k-byte regions. Each 4k-byte region is used as Table 5-6.
7DEOH  %,) $GGUHVV 0DS
Address
[15:12]
Address
[11:0]
Region Name
Description
0x0
0x0-0xfff
BASIC2 Registers
Buffers, control, and status registers
0x1
0x0-0xfff
CIS Memory
Data loaded from Serial EEPROM for Card Bus applications
0x2
0x0-0xfff
DSP Scratch Pad
Access to DSP scratch pad registers
0x3
0x0-0xfff
Reserved
0x4
0x0-0xfff
Reserved
0x5-0xF
0x0-0xfff
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com