Electronic Components Datasheet Search
  English  ▼

X  

RH56D-PCI Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RH56D-PCI
Description  MODEM DEVICE FAMILY FOR DESKTOP APPLICATIONS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH56D-PCI Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RH56D-PCI Datasheet HTML 9Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 10Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 11Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 12Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 13Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 14Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 15Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 16Page - List of Unclassifed Manufacturers RH56D-PCI Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
RH56D-PCI Modem Designer’s Guide
1213
Conexant
1-7
Conexant Proprietary Information
Voice/TAM Mode
Voice/TAM Mode features include 8-bit
µ-Law, A-Law, and linear coding at 8000 Hz and 7200 Hz sample rates. Tone
detection/generation, call discrimination, and concurrent DTMF detection are also supported. ADPCM (4-bit IMA) coding is
also supported to meet Microsoft WHQL logo requirements.
Voice/TAM Mode is supported by three submodes:
1.
Online Voice Command Mode supports connection to the telephone line or, for the SP model, a handset.
2.
Voice Receive Mode supports recording voice or audio data input at the RIN pin, typically from the telephone line or, for
the SP model, a microphone/handset.
3.
Voice Transmit Mode supports playback of voice or audio data to the TXA1/TXA2 output, typically to the telephone line
or, for the SP model, a speaker/handset.
Speakerphone Mode (SP Model)
The SP model includes additional telephone handset, external microphone, and external speaker interfaces which support
voice and full-duplex speakerphone (FDSP) operation.
Hands-free full-duplex telephone operation is supported in Speakerphone Mode under host control. Speakerphone Mode
features an advanced proprietary speakerphone algorithm which supports full-duplex voice conversation with acoustic, line,
and handset echo cancellation. Parameters are constantly adjusted to maintain stability with automatic fallback from full-
duplex to pseudo-duplex operation. The speakerphone algorithm allows position independent placement of microphone and
speaker. The host can separately control volume, muting, and AGC in microphone and speaker channels.
1.3.4 Hardware Interfaces
PCI Bus Host Interface
The Bus Interface conforms to the PCI Local Bus Specification, Production Version, Revision 2.1, June 1, 1995. It is a
memory slave (burst transactions) and a bus master for PC host memory accesses (burst transactions). Configuration is by
PCI configuration protocol.
The following interface signals are supported:
• Address and data
− 32 bidirectional Address/Data (AD[31-0]; bidirectional
− Four Bus Command and Byte Enable (CBE [3:0]), bidirectional
− Bidirectional Parity (PAR); bidirectional
• Interface control
− Cycle Frame (FRAME#); bidirectional
− Initiator Ready (IRDY#); bidirectional
− Target Ready (TRDY#); bidirectional
− Stop (STOP#); bidirectional
− Initialization Device Select (IDSEL); input
− Device Select (DEVSEL#); bidirectional
• Arbitration
− Request (REQ#); output
− Grant (GRANT#); input
• Error reporting
− Parity Error (PERR#); bidirectional
− System Error ; bidirectional
• System
− Interrupt A (INTA#); output
− Clock (PCICLK); input
− Reset (PCIRST#); input
• Power Management
− Power Management Event (PME#), output
− Vaux Detect (VauxDET), input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com