Electronic Components Datasheet Search
  English  ▼

X  

MAX16807AUI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX16807AUI
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX16807AUI Datasheet HTML 8Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 9Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 10Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 11Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 12Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 13Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 14Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 15Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
12
______________________________________________________________________________________
ode of a string of LEDs connected in series. The con-
stant-current capability is up to 55mA per output, set
for all 8 outputs by an external resistor, RSET. The
devices can operate in a stand-alone mode (see the
Typical Operating Circuits.)
The MAX16808 includes circuitry that automatically
detects open-circuit LEDs. Fault status is loaded into the
serial-interface shift register when LE goes high and is
automatically shifted out on DOUT when the next data
transmission is shifted in. The number of channels can be
expanded by using the MAX6970 and MAX6971 family in
conjunction with the MAX16807 and MAX16808.
2R
R
26.5V
EN_REF
BG
SNS
300mV
UVLO
ILIM
VEA
CPWM
VOLTAGE-
DIVIDER
VDD
THERMAL
SHUTDOWN
VOLTAGE
DIVIDER
OSC
CLK
PREREG
5V
REG_OK
5V REG
REFERENCE
2 5V
DELAY
S
R
Q
Q
VCC
V+
CURRENT
REFERENCE
POWER-ON
RESET
THERMAL
SHUTDOWN
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
CONSTANT-CURRENT SINK
OUTPUT LATCHES
SERIAL-TO-PARALLEL SHIFT REG STER
AGND
CS
VCC
REF
OUT
RTCT
DOUT
V+
SET
FB
COMP
CLK
DIN
LE
OE
PGND
MAX16807
Figure 1a. Internal Block Diagram (MAX16807)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com