Electronic Components Datasheet Search
  English  ▼

X  

MAX16807AUI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX16807AUI
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX16807AUI Datasheet HTML 13Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 14Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 15Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 16Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 17Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 18Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 19Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 20Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
18
______________________________________________________________________________________
data have been clocked into the shift register(s), and
then DOUT outputs data bit D7. A typical fault-detect-
ing application tests all the shifted out data. Bits D0–D4
and D7 are checked against the originally transmitted
data to check data-link integrity. Bits D5 and D6 are
checked first to see that they contain the same data
(validating the status), and second, whether faults are
reported or not by the actual logic level.
Selecting External Component
RSET to Set LED Output Current
The MAX16807/MAX16808 use an external resistor,
RSET, to set the LED current for outputs OUT0–OUT7.
The minimum allowed value of RSET is 330Ω, which
sets the output currents to 55mA. The maximum
allowed value of RSET is 5kΩ (IOUT_ = 3.6mA) and max-
imum allowed capacitance at SET is 100pF.
Use the following formula to set the output current:
where IOUT_ is the desired output current in milliamps
and the value for RSET is in ohms.
Overtemperature Cutoff
The MAX16807/MAX16808 contain an internal tempera-
ture sensor that turns off all outputs when the die temper-
ature exceeds +165°C. The outputs are enabled again
when the die temperature drops below +140°C. Register
contents are not affected, so when a driver is overdissi-
pating, the external symptom is the load LEDs cycling on
and off as the driver repeatedly overheats and cools,
alternately turning itself off and then back on again.
Stand-Alone Operation
In stand-alone operation, the MAX16807/MAX16808
does not use the 4-wire interface (see the
Typical
Operating Circuits). Connect DIN and LE to V+ provide
at least 8 external clock pulses to CLK to enable 8 out-
puts. This startup pulse sequence can be provided
either using an external clock or the PWM signal. The
external clock can also be generated using the signal
at RTCT and an external comparator.
LED Dimming
PWM Dimming
All the output channels can be dimmed simultaneously
by applying a PWM signal (50Hz to 30kHz) to OE. This
allows for a wide range of dimming up to a 5000:1 ratio.
Each channel can be independently turned on and off
using a 4-wire serial interface. The dimming is propor-
tional to the PWM duty cycle.
LED Current Amplitude Adjustment
Using an analog or digital potentiometer as RSET allows
for LED current amplitude adjustment and linear dimming.
Computing Power Dissipation
Use the following equation to estimate the upper limit
power dissipation (PD) for the MAX16807/MAX16808:
where:
V+ = supply voltage
I+ = operating supply current
DUTY = PWM duty cycle applied to OE
VOUTi = MAX16807/MAX16808 port output voltage
when driving load LED(s)
IOUTi = LED drive current programmed by RSET
PD = power dissipation.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching
losses and clean, stable operation. Use a multilayer
board whenever possible for better noise immunity.
Protect sensitive analog grounds by using a star
ground configuration. Minimize ground noise by con-
necting AGND, PGND, the input bypass-capacitor
ground lead, and the output-filter ground lead to a sin-
gle point (star ground configuration). Also, minimize
trace lengths to reduce stray capacitance, trace resis-
tance, and radiated noise. The trace between the out-
put voltage-divider and the FB pin must be kept short,
as well as the trace between AGND and PGND.
PD
DUTY x
V
x I
V
x I
V
x I
OUTi
i
i
OUTi
CC
CC
(
)
(
)
=+
+ +
∑
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
+
=
=
0
7
R
I
SET
OUT
,
_
=
18 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com