Electronic Components Datasheet Search
  English  ▼

X  

MAX16807AUI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX16807AUI
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX16807AUI Datasheet HTML 9Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 10Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 11Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 12Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 13Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 14Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 15Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 16Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
______________________________________________________________________________________
13
2R
R
26.5V
EN_REF
BG
SNS
300mV
UVLO
ILIM
VEA
CPWM
VOLTAGE-
DIVIDER
VDD
THERMAL
SHUTDOWN
VOLTAGE
DIVIDER
OSC
CLK
REG_OK
5V REG
REFERENCE
2 5V
DELAY
S
R
Q
Q
VCC
V+
CURRENT
REFERENCE
POWER-ON
RESET
THERMAL
SHUTDOWN
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
OPEN LED FAULT DETECTION
CONSTANT-CURRENT SINK
OUTPUT LATCHES
SERIAL-TO-PARALLEL SHIFT REGISTER
AGND
CS
VCC
REF
OUT
RTCT
DOUT
V+
SET
FB
COMP
CLK
DIN
LE
OE
PGND
MAX16808
PREREG
5V
Figure 1b. Internal Block Diagram (MAX16808)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com