Electronic Components Datasheet Search
  English  ▼

X  

MAX16807AUI Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX16807AUI
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX16807AUI Datasheet HTML 13Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 14Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 15Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 16Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 17Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 18Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 19Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 20Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
20
______________________________________________________________________________________
MAX16807
MAX16808
OUT0
FB
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
SET
PGND
VCC
V+
OE
LE
DOUT
DIN
CLK
SCLK
MOSI
MISO
µC
LOAD
ENABLE
REF
RTCT
CREF
RSET
RCS
CC2
CC1
OUT CS AGND
COMP
RC1
R2
R1
COUT
RT
CT
3V TO 5 5V
VIN
VOUT
Q
LD
LEDs
OPERATION WITH MICROCONTROLLER
CIN
CBYP
Typical Operating Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com