Electronic Components Datasheet Search
  English  ▼

X  

MAX16807AUI Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX16807AUI
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX16807AUI Datasheet HTML 13Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 14Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 15Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 16Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 17Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 18Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 19Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 20Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
______________________________________________________________________________________
17
LED Fault Detection (MAX16808)
The MAX16808 includes circuitry that detects open-cir-
cuit LEDs automatically. An open-circuit fault occurs
when an output is sinking current less than approxi-
mately 50% of the programmed current flows. Open cir-
cuits are checked just after the falling edge of OE. The
fault data is latched on the rising edge of LE and is
shifted out when new LED data is loaded into the out-
put latches from the shift register. If one or more output
ports are detected with an open-circuit fault, the D6
and D5 bits of DOUT go high. If no open-circuit faults
are detected, D6 and D5 are set to low. The data in the
other 6 bit positions in DOUT are not altered. Fault sta-
tus is shifted out on DOUT for the first two rising edges
of the clock after the falling edge of LE (see Figure 5).
LE is normally taken high after all 8 bits of new LED
tDS
tDH
tCL
tCP
tDO
tOEW
tOEF
tf
tr
tOER
tLS
tLW
tCH
D0
D7
D7
LE
CLK
DIN
DOUT
OE
OUT_
80%
20%
Figure 3. 4-Wire Serial-Interface Timing Diagram
LE
OUT_
LE
OUT_
CLK
OUT_
CLK
OUT_
tCRR
tCRF
tLRR
tLRF
Figure 4. LE and CLK to OUT_ Timing
OE
LE
CLK
DOUT
D7
D6
D5
D4
FAULT STATUS BITS
Figure 5. Fault Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com