Electronic Components Datasheet Search
  English  ▼

X  

MAX16807AUI Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX16807AUI
Description  Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16807AUI Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX16807AUI Datasheet HTML 11Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 12Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 13Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 14Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 15Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 16Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 17Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 18Page - Maxim Integrated Products MAX16807AUI Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Integrated 8-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
______________________________________________________________________________________
15
where tD is in seconds, RT in ohms (Ω), and CT in
Farads (F).
The oscillator frequency is then:
Reference Output
REF is a 5V reference output that can source 20mA.
Bypass REF to AGND with a 0.1µF capacitor.
Current Limit
The MAX16807/MAX16808 include a fast current-limit
comparator to terminate the on cycle during an over-
load or a fault condition. The current-sense resistor,
RCS, connected between the source of the external
MOSFET and AGND, sets the current limit. The CS
input has a voltage trip level (VCS) of 0.3V. Use the fol-
lowing equation to calculate RCS:
IP-P is the peak current that flows through the MOSFET.
When the voltage produced by this current (through the
current-sense resistor) exceeds the current-limit com-
parator threshold, the MOSFET driver (OUT) turns the
switch off within 60ns. In most cases, a small RC filter is
required to filter out the leading-edge spike on the sense
waveform. Set the time constant of the RC filter at 50ns.
Buck-Boost (SEPIC) Operation
Figure 2 shows a buck-boost application circuit using
the MAX16807/MAX16808 in a stand-alone mode of
operation. SEPIC topology is necessary when the total
forward voltage of the LEDs in a string is such that
VOUT can be below or above VIN.
R
V
I
CS
CS
PP
=
−
f
tt
OSC
CD
=
+
()
1
MAX16807
MAX16808
OUT0
FB
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
EXTERNAL
DIM INPUT
EXTERNAL
CLOCK INPUT
SET
LE
DIN
PGND
VCC
V+
OE
DOUT
CLK
REF
RTCT
CREF
CBYP
RSET
RCS
C1
D
CC2
CC1
OUT CS AGND
COMP
RC1
R2
R1
C N
RT
CT
3V TO 5 5V
V N
VOUT
Q
LEDs
L1
L2
COUT
Figure 2. Buck-Boost (SEPIC) Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com