Electronic Components Datasheet Search
  English  ▼

X  

AD7927 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 1 Page - Analog Devices

  AD7927 Datasheet HTML 1Page - Analog Devices AD7927 Datasheet HTML 2Page - Analog Devices AD7927 Datasheet HTML 3Page - Analog Devices AD7927 Datasheet HTML 4Page - Analog Devices AD7927 Datasheet HTML 5Page - Analog Devices AD7927 Datasheet HTML 6Page - Analog Devices AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD7927
8-Channel, 200 kSPS, 12-Bit ADC
with Sequencer in 20-Lead TSSOP
FEATURES
Fast Throughput Rate: 200 kSPS
Specified for AVDD of 2.7 V to 5.25 V
Low Power:
3.6 mW Max at 200 kSPS with 3 V Supply
7.5 mW Max at 200 kSPS with 5 V Supply
8 (Single-Ended) Inputs with Sequencer
Wide Input Bandwidth:
70 dB Min SINAD at 50 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface SPI™/QSPI™/
MICROWIRE™/DSP Compatible
Shutdown Mode: 0.5 A Max
20-Lead TSSOP Package
GENERAL DESCRIPTION
The AD7927 is a 12-bit, high speed, low power, 8-channel,
successive-approximation ADC. The part operates from a single
2.7 V to 5.25 V power supply and features throughput rates up
to 200 kSPS. The part contains a low noise, wide bandwidth
track-and-hold amplifier that can handle input frequencies in
excess of 8 MHz.
The conversion process and data acquisition are controlled
using
CS and the serial clock signal, allowing the device to
easily interface with microprocessors or DSPs. The input signal
is sampled on the falling edge of
CS and the conversion is also
initiated at this point. There are no pipeline delays associated
with the part.
The AD7927 uses advanced design techniques to achieve very low
power dissipation at maximum throughput rates. At maximum
throughput rates, the AD7927 consumes 1.2 mA maximum
with 3 V supplies; with 5 V supplies, the current consumption is
1.5 mA maximum.
Through the configuration of the Control Register, the analog
input range for the part can be selected as 0 V to REFIN or 0 V to
2
¥ REFIN, with either straight binary or twos complement output
coding. The AD7927 features eight single-ended analog inputs
with a channel sequencer to allow a preprogrammed selection of
channels to be converted sequentially.
The conversion time for the AD7927 is determined by the SCLK
frequency, as this is also used as the master clock to control the
conversion. The conversion time may be as short as 800 ns with
a 20 MHz SCLK.
FUNCTIONAL BLOCK DIAGRAM
•
•
•
•
•
•
•
•
•
•
•
•
•
VIN7
T/H
I/P
MUX
SEQUENCER
CONTROL LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
DOUT
DIN
CS
VDRIVE
AVDD
AD7927
REFIN
VIN0
PRODUCT HIGHLIGHTS
1. High Throughput with Low Power Consumption.
The AD7927 offers up to 200 kSPS throughput rates. At the
maximum throughput rate with 3 V supplies, the AD7927
dissipates 3.6 mW of power maximum.
2. Eight Single-Ended Inputs with a Channel Sequencer.
A consecutive sequence of channels, through which the ADC
will cycle and convert on, can be selected.
3. Single-Supply Operation with VDRIVE Function.
The AD7927 operates from a single 2.7 V to 5.25 V supply. The
VDRIVE function allows the serial interface to connect directly
to either 3 V or 5 V processor systems independent of AVDD.
4. Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock, allowing
the conversion time to be reduced through the serial clock
speed increase. The part also features various shutdown modes
to maximize power efficiency at lower throughput rates. Current
consumption is 0.5
mA maximum when in full shutdown.
5. No Pipeline Delay.
The part features a standard successive-approximation ADC
with accurate control of the sampling instant via a
CS input
and once off conversion control.


Similar Part No. - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7927 AD-AD7927 Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7927BRU AD-AD7927BRU Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7927BRU-REEL AD-AD7927BRU-REEL Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
More results

Similar Description - AD7927

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7908 AD-AD7908 Datasheet
607Kb / 24P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
9/03-Data Sheet changed from REV. 0 to REV. A.
AD7923 AD-AD7923 Datasheet
430Kb / 20P
4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV.0
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
D
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
D
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com