Electronic Components Datasheet Search
  English  ▼

X  

AD7927 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices AD7927 Datasheet HTML 16Page - Analog Devices AD7927 Datasheet HTML 17Page - Analog Devices AD7927 Datasheet HTML 18Page - Analog Devices AD7927 Datasheet HTML 19Page - Analog Devices AD7927 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD7927
–17–
CS
SCLK
DOUT
DIN
t3
t2
t9
t4
t6
t7
t10
t5
t11
t8
tQUIET
tCONVERT
WRITE
SEQ
DONTC
ADD2
ADD1
ADD0
DONTC
DONTC
DONTC
12
3
4
5
13
14
15
16
B
ADD2
ADD1
ADD0
DB11
DB10
DB2
DB1
DB0
THREE-
STATE
ZERO
3 IDENTIFICATION BITS
THREE-
STATE
Figure 17. Serial Interface Timing Diagram
CS
SCLK
DOUT
DIN
tCONVERT
t2
t3
t9
t4
t6
t7
t5
t11
t8
ZERO
SEQUENCE 1
SEQUENCE 2
3 IDENTIFICATION BITS
THREE-
STATE
THREE-
STATE
12
3
4
5
13
14
15
16
ADD2
ADD1
ADD0
DB11
DB10
DB2
DB1
DB0
VIN0VIN1VIN2VIN3VIN4VIN5VIN5VIN6VIN7
t10
C
Figure 18. Writing to Shadow Register Timing Diagram
SERIAL INTERFACE
Figure 17 shows the detailed timing diagram for serial interfacing
to the AD7927. The serial clock provides the conversion clock
and also controls the transfer of information to and from the
AD7927 during each conversion.
The
CS signal initiates the data transfer and conversion process.
The falling edge of
CS puts the track and hold into hold mode
and takes the bus out of three-state; the analog input is sampled
at this point. The conversion is also initiated at this point and will
require 16 SCLK cycles to complete. The track and hold will
go back into track on the 14th SCLK falling edge as shown in
Figure 17 at point B, except when the write is to the Shadow
Register, in which case the track and hold will not return to
track until the rising edge of
CS, i.e., point C in Figure 18. On
the 16th SCLK falling edge the DOUT line will go back into
three-state. If the rising edge of
CS occurs before 16 SCLKs have
elapsed, the conversion will be terminated and the DOUT line
will go back into three-state and the Control Register will not be
updated; otherwise DOUT returns to three-state on the 16th
SCLK falling edge, as shown in Figure 17. Sixteen serial clock
cycles are required to perform the conversion process and to
access data from the AD7927. For the AD7927, the 12 bits of
data are preceded by a leading zero and the three channel address
bits ADD2 to ADD0, identifying which channel the result corre-
sponds to.
CS going low provides the leading zero to be read in by
the microcontroller or DSP. The three remaining address bits and
data bits are then clocked out by subsequent SCLK falling edges
beginning with the first address bit ADD2, thus the first falling
clock edge on the serial clock has a leading zero provided and
also clocks out address bit ADD2. The final bit in the data
transfer is valid on the 16th falling edge, having been clocked
out on the previous (15th) falling edge.
Writing of information to the Control Register takes place on the
first 12 falling edges of SCLK in a data transfer, assuming the MSB,
i.e., the WRITE bit, has been set to 1. If the Control Register is
programmed to use the Shadow Register, then the writing of
information to the Shadow Register will take place on all 16 SCLK
falling edges in the next serial transfer as shown for example on the
AD7927 in Figure 18. Two sequence options can be programmed
in the Shadow Register. If the user does not want to program a
second sequence, then the eight LSBs should be filled with zeros.
The Shadow Register will be updated upon the rising edge of
CS and the track and hold will begin to track the first channel
selected in the sequence.
The 16-bit word read from the AD7927 will always contain a
leading zero, three channel address bits that the conversion
result corresponds to, followed by the 12-bit conversion result.
Writing Between Conversions
As outlined in the Operating Modes section, not less than 5
ms
should be left between consecutive valid conversions. However,
there is one case where this does not necessarily mean that at least
5
ms should always be left between CS falling edges. Consider the
case when writing to the AD7927 to power it up from shutdown
prior to a valid conversion. The user must write to the part to tell
it to power up before it can convert successfully. Once the serial
write to power up has finished, one may wish to perform the con-
version as soon as possible and not have to wait a further 5
ms
before bringing
CS low for the conversion. In this case, as long
as there is a minimum of 5
ms between each valid conversion, then
only the quiet time between the
CS rising edge at the end of the
write to power up and the next
CS falling edge for a valid con-
version needs to be met. Figure 19 illustrates this point. Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com