Electronic Components Datasheet Search
  English  ▼

X  

AD7927 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 2 Page - Analog Devices

  AD7927 Datasheet HTML 1Page - Analog Devices AD7927 Datasheet HTML 2Page - Analog Devices AD7927 Datasheet HTML 3Page - Analog Devices AD7927 Datasheet HTML 4Page - Analog Devices AD7927 Datasheet HTML 5Page - Analog Devices AD7927 Datasheet HTML 6Page - Analog Devices AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD7927–SPECIFICATIONS
Parameter
B Version
1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz Sine Wave, fSCLK = 20 MHz
Signal-to-(Noise + Distortion) (SINAD)
2
70
dB min
@ 5 V
69
dB min
@ 3 V Typically 70 dB
Signal-to-Noise Ratio (SNR)
2
70
dB min
Total Harmonic Distortion (THD)
2
–77
dB max
@ 5 V Typically –84 dB
–73
dB max
@ 3 V Typically –77 dB
Peak Harmonic or Spurious Noise
–78
dB max
@ 5 V Typically –86 dB
(SFDR)
2
–76
dB max
@ 3 V Typically –80 dB
Intermodulation Distortion (IMD)
2
fa = 40.1 kHz, fb = 41.5 kHz
Second Order Terms
–90
dB typ
Third Order Terms
–90
dB typ
Aperture Delay
10
ns typ
Aperture Jitter
50
ps typ
Channel-to-Channel Isolation
2
–82
dB typ
fIN = 400 kHz
Full Power Bandwidth
8.2
MHz typ
@ 3 dB
1.6
MHz typ
@ 0.1 dB
DC ACCURACY
2
Resolution
12
Bits
Integral Nonlinearity
±1
LSB max
Differential Nonlinearity
–0.9/+1.5
LSB max
Guaranteed No Missed Codes to 12 Bits
0 V to REFIN Input Range
Straight Binary Output Coding
Offset Error
±8
LSB max
Typically
±0.5 LSB
Offset Error Match
±0.5
LSB max
Gain Error
±1.5
LSB max
Gain Error Match
±0.5
LSB max
0 V to 2
¥ REFIN Input Range
–REFIN to +REFIN Biased about REFIN with
Positive Gain Error
±1.5
LSB max
Twos Complement Output Coding
Positive Gain Error Match
±0.5
LSB max
Zero Code Error
±8
LSB max
Typically
±0.8 LSB
Zero Code Error Match
±0.5
LSB max
Negative Gain Error
±1
LSB max
Negative Gain Error Match
±0.5
LSB max
ANALOG INPUT
Input Voltage Ranges
0 to REFIN
V
RANGE Bit Set to 1
0 to 2
¥ REFIN V
RANGE Bit Set to 0, AVDD/VDRIVE = 4.75 V to 5.25 V
DC Leakage Current
±1
mA max
Input Capacitance
20
pF typ
fSAMPLE = 200 kSPS
REFERENCE INPUT
REFIN Input Voltage
2.5
V
±1% Specified Performance
DC Leakage Current
±1
mA max
REFIN Input Impedance
36
k
W typ
LOGIC INPUTS
Input High Voltage, VINH
0.7
¥ VDRIVE
V min
Input Low Voltage, VINL
0.3
¥ VDRIVE
V max
Input Current, IIN
±1
mA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN
3
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V min
ISOURCE = 200
mA, AVDD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
V max
ISINK = 200
mA
Floating-State Leakage Current
±1
mA max
Floating-State Output Capacitance
3
10
pF max
Output Coding
Straight (Natural) Binary
Coding Bit Set to 1
Twos Complement
Coding Bit Set to 0
(AVDD = VDRIVE = 2.7 V to 5.25 V, REFIN = 2.5 V, fSCLK = 20 MHz, TA = TMIN to TMAX, unless
otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com