Electronic Components Datasheet Search
  English  ▼

X  

AD7927 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7927 Datasheet HTML 7Page - Analog Devices AD7927 Datasheet HTML 8Page - Analog Devices AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD7927
–11–
POWER-ON
DUMMY CONVERSION
DIN = ALL 1s
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE.
SELECT CHANNEL A2–A0 FOR CONVERSION.
SEQ = SHADOW = 0
DOUT: CONVERSION RESULT FROM PREVIOUSLY
SELECTED CHANNEL A2–A0.
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE.
SELECT A2–A0 FOR CONVERSION.
SEQ = SHADOW = 0
WRITE BIT = 1,
SEQ = SHADOW = 0
CS
CS
Figure 2. SEQ Bit = 0, SHADOW Bit = 0 Flowchart
Figure 2 reflects the traditional operation of a multichannel ADC,
where each serial transfer selects the next channel for conversion.
In this mode of operation, the sequencer function is not used.
Figure 3 shows how to program the AD7927 to continuously
convert on a particular sequence of channels. To exit this mode
of operation and revert back to the traditional mode of operation
of a multichannel ADC (as outlined in Figure 2), ensure that the
WRITE bit = 1 and the SEQ = SHADOW = 0 on the next serial
transfer. Figure 4 shows how a sequence of consecutive chan-
nels can be converted on without having to program the Shadow
Register or write to the part on each serial transfer. Again, to exit
this mode of operation and revert back to the traditional mode
of operation of a multichannel ADC (as outlined in Figure 2),
ensure the WRITE bit = 1 and the SEQ = SHADOW = 0 on
the next serial transfer.
CS
POWER-ON
DUMMY CONVERSION
DIN = ALL 1s
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE.
SELECT CHANNEL A2–A0 FOR CONVERSION.
SEQ = 0 SHADOW = 1
DOUT: CONVERSION RESULT FROM PREVIOUSLY
SELECTED CHANNEL A2–A0.
DIN: WRITE TO SHADOW REGISTER, SELECTING
WHICH CHANNELS TO CONVERT ON; CHANNELS
SELECTED NEED NOT BE CONSECUTIVE CHANNELS
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
CS
CS
WRITE BIT = 0
WRITE BIT = 1
SEQ = 1 SHADOW = 0
CONTINUOUSLY
CONVERTS ON THE
SELECTED
SEQUENCE OF
CHANNELS
CONTINUOUSLY
CONVERTS ON THE
SELECTED
SEQUENCE OF
CHANNELS BUT
WILL ALLOW RANGE,
CODING, AND SO ON,
TO CHANGE IN THE
CONTROL REGISTER
WITHOUT INTERRUPT-
ING THE SEQUENCE,
PROVIDED SEQ = 1
SHADOW = 0
WRITE BIT = 0
WRITE BIT = 0
Figure 3. SEQ Bit = 0, SHADOW Bit = 1 Flowchart
SHADOW REGISTER
The Shadow Register on the AD7927 is a 16-bit, write-only
register. Data is loaded from the DIN pin of the AD7927 on the
falling edge of SCLK. The data is transferred on the DIN line at
the same time that a conversion result is read from the part. This
requires 16 serial clock falling edges for the data transfer. The
information is clocked into the Shadow Register, provided that the
SEQ and SHADOW bits were set to 0,1, respectively, in the
previous write to the Control Register. MSB denotes the first bit
in the data stream. Each bit represents an analog input from
Channel 0 to Channel 7. Through programming the Shadow
Register, two sequences of channels may be selected, through
which the AD7927 will cycle with each consecutive conversion
after the write to the Shadow Register. Sequence One will be
performed first and then Sequence Two. If the user does not
wish to preform a second sequence option, then all 0s must be
written to the last eight LSBs of the Shadow Register. To select
a sequence of channels, the associated channel bit must be set for
each analog input. The AD7927 will continuously cycle through
the selected channels in ascending order, beginning with the
lowest channel, until a write operation occurs (i.e., the WRITE bit
is set to 1) with the SEQ and SHADOW bits configured in any
way except 1,0. (See Table IV.) The bit functions are outlined
in Table V.
Table V. Shadow Register Bit Functions
MSB
LSB
VIN0VIN1VIN2VIN3VIN4VIN5VIN6VIN7VIN0VIN1VIN2VIN3VIN4VIN5VIN6VIN7
------------------SEQUENCE ONE-------------------------------------------------------SEQUENCE TWO-----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com