Electronic Components Datasheet Search
  English  ▼

X  

AD7927 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7927
Description  8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7927 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7927 Datasheet HTML 9Page - Analog Devices AD7927 Datasheet HTML 10Page - Analog Devices AD7927 Datasheet HTML 11Page - Analog Devices AD7927 Datasheet HTML 12Page - Analog Devices AD7927 Datasheet HTML 13Page - Analog Devices AD7927 Datasheet HTML 14Page - Analog Devices AD7927 Datasheet HTML 15Page - Analog Devices AD7927 Datasheet HTML 16Page - Analog Devices AD7927 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD7927
–13–
ADC TRANSFER FUNCTION
The output coding of the AD7927 is either straight binary or
twos complement, depending on the status of the LSB in the
Control Register. The designed code transitions occur at suc-
cessive LSB values (i.e., 1 LSB, 2 LSBs, and so forth). The LSB
R3
R2
R4
REFIN
VIN0
VIN7
AD7927
DSP/ P
VDD
0.1 F
V
AVDD
VDRIVE
DOUT
TWOS
COMPLEMENT
+REFIN
REFIN
–REFIN
011…111
000…000
100…000
(= 0V)
(= 2
REFIN)
0V
V
R1
R1
R2
R3
R4
VDD
VREF
Figure 10. Handling Bipolar Signals
000…000
0V
ANALOG INPUT
111…111
000…001
000…010
111…110
•
•
111…000
•
011…111
•
•
1 LSB
+VREF
1 LSB
1LSB
VREF/4096
NOTE: VREF IS EITHER REFIN OR 2
REFIN
Figure 8. Straight Binary Transfer Characteristic
size is REFIN/4096 for the AD7927. The ideal transfer charac-
teristic for the AD7927 when straight binary coding is selected
is shown in Figure 8, and the ideal transfer characteristic for the
AD7927 when twos complement coding is selected is shown in
Figure 9.
–VREF
1LSB
ANALOG INPUT
+VREF
1LSB
1LSB
2
VREF 4096
VREF
1LSB
100…000
011…111
100…001
100…010
011…110
•
•
000…001
111…111
•
•
000…000
Figure 9. Twos Complement Transfer Characteristic with
REFIN
± REFIN Input Range
Handling Bipolar Input Signals
Figure 10 shows how useful the combination of the 2
¥ REFIN
input range and the twos complement output coding scheme is
for handling bipolar input signals. If the bipolar input signal is
biased about REFIN and twos complement output coding is
selected, then REFIN becomes the zero code point, –REFIN is
negative full scale and +REFIN becomes positive full scale, with
a dynamic range of 2
¥ REFIN.
TYPICAL CONNECTION DIAGRAM
Figure 11 shows a typical connection diagram for the AD7927.
In this setup, the AGND pin is connected to the analog ground
plane of the system. In Figure 11, REFIN is connected to a
decoupled 2.5 V supply from a reference source, the AD780, to
provide an analog input range of 0 V to 2.5 V (if RANGE bit is 1)
or 0 V to 5 V (if RANGE bit is 0). Although the AD7927 is con-
nected to a AVDD of 5 V, the serial interface is connected to a 3 V
microprocessor. The VDRIVE pin of the AD7927 is connected to
the same 3 V supply of the microprocessor to allow a 3 V logic
interface (see the Digital Inputs section). The conversion result is
output in a 16-bit word. This 16-bit data stream consists of one
leading zero, three address bits indicating which channel the
conversion result corresponds to, followed by the 12 bits of
conversion data. For applications where power consumption is
of concern, the power-down modes should be used between
conversions or bursts of several conversions to improve power
performance. (See the Modes of Operation section.)
SERIAL
INTERFACE
AD780
2.5V
AD7927
0.1 F
C/ P
0.1 F
10 F
3V
SUPPLY
5V
SUPPLY
0.1 F
10 F
AGND
AVDD
VIN0
•
•
VIN7
0V TO REFIN
SCLK
DOUT
CS
DIN
VDRIVE
REFIN
NOTE: ALL UNUSED INPUT CHANNELS SHOULD BE CONNECTED TO AGND
Figure 11. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com