Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1WM Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1WM Datasheet HTML 2Page - Dallas Semiconductor DS1WM Datasheet HTML 3Page - Dallas Semiconductor DS1WM Datasheet HTML 4Page - Dallas Semiconductor DS1WM Datasheet HTML 5Page - Dallas Semiconductor DS1WM Datasheet HTML 6Page - Dallas Semiconductor DS1WM Datasheet HTML 7Page - Dallas Semiconductor DS1WM Datasheet HTML 8Page - Dallas Semiconductor DS1WM Datasheet HTML 9Page - Dallas Semiconductor DS1WM Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
DS1WM
6 of 15
OPERATION — COMMANDS
The Command Register determines the DS1WM’s mode of operation and also handles special
transmissions over the bus. From this register the DS1WM can be selected to run in Overdrive mode,
Search ROM Accelerator mode, or standard mode. This register also controls bus resets, 1-Wire Master
resets, and direct reading and writing of the bus.
Command Register (Read/Write)
Addr. 00h
OD
X
RST
X
DQI
DQO
SRA
1WR
MSB
LSB
OD: Overdrive Bit. This bit selects the communication rate on the 1-Wire bus. Setting this bit to 1 will
allow high-speed communication if all slave devices on the bus support overdrive mode. This bit must be
set to 0 for standard 1-wire communication.
RST: Software Reset. Setting this bit will immediately stop any communication and reset all internal
state machines controlling communication. This command does not reset data in the registers. All register
data will be maintained, however the Interrupt Register may change to reflect the new state of the 1-Wire
Master. This bit must be 0 for normal operation.
DQO: DQ Output. This bit can be used to bypass 1-Wire Master operations and drive the bus directly if
needed. Setting this bit high will drive the bus low until it is cleared or the 1-Wire Master resets. While
the 1-Wire bus is held low no other 1-Wire Master operations will function. By controlling the length of
time this bit is set and the point when the line is sampled, see DQI below, any 1-Wire communication can
be generated by the host controller. To prevent accidental writes to the bus, the DQOE bit in the Interrupt
Enable Register must be set to a 1 before the DQO bit will function. This bit is cleared to a 0 on power-up
or Master Reset.
DQI: DQ Input. This bit is read only and reflects the present state of the 1-Wire bus. It should be used
together with the DQO bit when controlling the bus directly. The state of this bit does not affect any other
functions of the 1-Wire Master. Operation of this bit is unaffected by the state of DQOE.
1WR: 1-Wire Reset. If this bit is set a reset will be generated on the 1-Wire bus. Setting this bit
automatically clears the SRA bit. The 1WR bit will be automatically cleared as soon as the 1-Wire reset
completes. The 1-Wire Master will set the Presence Detect interrupt flag (PD) when the reset is complete
and sufficient time for a presence detect to occur has passed. The result of the presence detect will be
placed in the Interrupt Register bit PDR. If a presence detect pulse was received PDR will be cleared,
otherwise it will be set.
SRA: Search ROM Accelerator. When this bit is set, the 1-Wire Master will switch to Search ROM
Accelerator mode. This mode presupposes that a Reset followed by the Search ROM command (0xF0h)
has already been issued on the 1-Wire bus. For details on how the Search ROM is actually done in the 1-
Wire system, please see [1]. Simply put, the algorithm specifies that the bus master reads two bits (a bit
and its complement), then writes a bit to specify which devices should remain on the bus for further
processing.
After the 1-Wire Master is placed in Search ROM Accelerator mode, the CPU must send 16 bytes to
complete a single Search ROM pass on the 1-Wire bus. These bytes are constructed as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com