Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 11 Page - Dallas Semiconductor

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1WM Datasheet(HTML) 11 Page - Dallas Semiconductor

Back Button DS1WM Datasheet HTML 7Page - Dallas Semiconductor DS1WM Datasheet HTML 8Page - Dallas Semiconductor DS1WM Datasheet HTML 9Page - Dallas Semiconductor DS1WM Datasheet HTML 10Page - Dallas Semiconductor DS1WM Datasheet HTML 11Page - Dallas Semiconductor DS1WM Datasheet HTML 12Page - Dallas Semiconductor DS1WM Datasheet HTML 13Page - Dallas Semiconductor DS1WM Datasheet HTML 14Page - Dallas Semiconductor DS1WM Datasheet HTML 15Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS1WM
11 of 15
I/0 SIGNALING
The 1-Wire bus requires strict signaling protocols to insure data integrity. The four protocols used by
the 1-Wire Master are the initialization sequence (Reset Pulse followed by Presence Pulse), Write 0,
Write 1, and Read Data. The master initiates all of these types of signaling except the Presence Pulse.
The initialization sequence required to begin any communication with the bus slave is shown in Figure
1. A Presence Pulse following a Reset Pulse indicates the slave is ready to accept a ROM Command.
The 1-Wire Master transmits a reset pulse for tRSTL. The 1-Wire bus line is then pulled high by the pull-
up resistor. After detecting the rising edge on the DQ pin, the slave waits for tPDH and then transmits the
Presence Pulse for tPDL. The master samples the bus at tPDS after the slave responds to test for a valid
presence pulse. The result of this sample is stored in the PDR bit of the Interrupt Register. The reset time
slot ends tRSTH after the master releases the bus.
1-WIRE INITIALIZATION SEQUENCE (RESET PULSE AND PRESENCE
PULSE) Figure 1
WRITE TIME SLOTS
A write time slot is initiated when the 1-Wire Master pulls the 1-Wire bus line from a logic high
(inactive) level to a logic low level. The master generates a Write 1 time slot by releasing the line at tLOW1
and allowing the line to pull up to a logic high level. The line is held low for tLOW0 to generate a Write 0
time slot. A slave device will sample the 1-Wire bus line between 15µs and 60ms (between 2µs and 6ms in
Overdrive mode) after the line falls. If the line is high when sampled, a Write 1 occurs. If the line is low
when sampled, a Write 0 occurs (see Figure 2).
READ TIME SLOTS
A read time slot is initiated when the 1-Wire Master pulls the bus low for at least 1 ms and then releases it.
If the slave device is responding with a 0 it will continue to hold the line low for up to 60
ms (6ms in
Overdrive mode), otherwise it will release it immediately. The master will sample the data tRDV from the
start of the read time slot. The master will end the read slot after a time of tSLOT. See Figure 2 for more
information.
LINE TYPE LEGEND:
1-Wire Master active low
Slave device active low
Resistor pullup
Both Master and
Slave device active low
tRSTL
tPDL
tRSTH
tPDH
VCC
GND
DQ
tPDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com