Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1WM Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS1WM Datasheet HTML 5Page - Dallas Semiconductor DS1WM Datasheet HTML 6Page - Dallas Semiconductor DS1WM Datasheet HTML 7Page - Dallas Semiconductor DS1WM Datasheet HTML 8Page - Dallas Semiconductor DS1WM Datasheet HTML 9Page - Dallas Semiconductor DS1WM Datasheet HTML 10Page - Dallas Semiconductor DS1WM Datasheet HTML 11Page - Dallas Semiconductor DS1WM Datasheet HTML 12Page - Dallas Semiconductor DS1WM Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
DS1WM
9 of 15
9) At this point, the most significant discrepancy (d1) did not change so the next most (d0) should be
used. However, d0 has now been reached for the second time and since there are no less significant
discrepancies, the search is complete having found a total of four devices.
OPERATION — FLAGS AND INTERRUPTS
Flags from transmit, receive, and 1-Wire reset operations are located in the Interrupt Register. Only the
Presence Detect flag (PD) is cleared when the Interrupt Register is read, the other flags are cleared
automatically when written to or read from the transmit and receive buffers. These flags can generate an
interrupt on the INTR pin if the corresponding enable bit is set in the Interrupt Enable Register. Reading
the Interrupt Register always sets the INTR pin inactive even if all flags are not cleared.
Interrupt Register (Read-Only)
Addr. 02h
DQI
NBSY
SINT
RBF
TEMT
TBE
PDR
PD
MSB
LSB
PD: Presence Detect. After a 1-Wire Reset has been issued, this flag will be set after the appropriate
amount of time for a presence detect pulse to have occurred. The default state for this bit is 0. This bit is
cleared when the Interrupt Register is read.
PDR: Presence Detect Result. When a Presence Detect interrupt occurs, this bit will reflect the result of
the presence detect read; it will be 0 if a slave device was found, or 1 if no parts were found. The default
state for this bit is 1.
TBE: Transmit Buffer Empty. This flag will be cleared when data is written to the Transmit Buffer and
cleared when that data is transferred to the Transmit Shift Register. The default state for this bit is 1.
TEMT: Transmit Shift Register Empty. This flag will be cleared when data is shifted into the Transmit
Shift Register from the Transmit Buffer and set after the last bit has been transmitted on the 1-Wire bus.
The default state for this bit is 1.
RBF: Receive Buffer Full. This flag will be set when there is a byte waiting to be read in the Receive
Buffer. This flag will be cleared when the byte is read from the Receive Buffer Register. The default state
for this bit is 0.
SINT: Slave Interrupt. This flag is set when the 1-Wire bus is held low by a slave device for a period of
greater than 960us. This bit is cleared when the register is read. The default state for this bit is 0.
NBSY: Not Busy. The default state for this bit is 1 indicating that no operation is currently taking place
inside the 1-Wire Master. It is cleared whenever a read, write, reset, or slave interrupt takes place. When
the operation ends this flag returns to a 1 state.
DQI: DQ Input. This bit is a mirror of bit 3 in the Command Register. This allows the entire status of the
master and the bus to be determined by reading only the Interrupt Register. This bit does not have a
corresponding enable bit in the Interrupt Enable Register.
The Interrupt Enable Register allows the system programmer to specify the source of interrupts, which
will cause the INTR pin to be active, and to define the active state for the INTR pin. When a Master Reset
is received all bits in this register are cleared to 0 disabling all interrupt sources and setting the active
state of the INTR pin to LOW. This means the INTR pin will be pulled high since all interrupts are
disabled. The INTR pin is reset to an inactive state by reading the Interrupt Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com