Electronic Components Datasheet Search
  English  ▼

X  

DS1WM Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1WM
Description  Synthesizable 1-Wire Bus Master
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1WM Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1WM Datasheet HTML 3Page - Dallas Semiconductor DS1WM Datasheet HTML 4Page - Dallas Semiconductor DS1WM Datasheet HTML 5Page - Dallas Semiconductor DS1WM Datasheet HTML 6Page - Dallas Semiconductor DS1WM Datasheet HTML 7Page - Dallas Semiconductor DS1WM Datasheet HTML 8Page - Dallas Semiconductor DS1WM Datasheet HTML 9Page - Dallas Semiconductor DS1WM Datasheet HTML 10Page - Dallas Semiconductor DS1WM Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS1WM
7 of 15
first byte
7
6
5
43
21
0
r3
x3
r2
x2
r1
x1
r0
x0
et cetera
16th byte
7
6
5
43
21
0
r63
x63
r62
x62
r61
x61
r60
x60
In this scheme, the index (values from 0 to 63, “n”) designates the position of the bit in the ROM ID of a
1-Wire device. The character “x” marks bits that act as a filler and do not require a specific value (don’t
care bits). The character “r” specifies the selected bit value to write at that particular bit in case of a
conflict during the execution of the ROM search.
For each bit position n (values from 0 to 63) the 1-Wire Master will generate three time slots on the 1-
Wire bus. These are referenced as:
b0
for the first time slot (read data)
b1
for the second time slot (read data) and
b2
for the third time slot (write data).
The 1-Wire Master determines the type of time slot b2 (write 1 or write 0) as follows:
b2
= rn if conflict (as chosen by the host)
= b0 if no conflict (there is no alternative)
= 1 if error (there is no response)
The response bytes that will be in the Data Register for the CPU to read during a complete pass through a
Search ROM function using the Search Accelerator consists of 16 bytes as follows:
first byte
7
6
5
43
21
0
r’3
d3
r’2
d2
r’1
d1
r’0
d0
et cetera
16th byte
7
6
5
43
21
0
r’63
d63
r’62
d62
r’61
d61
r’60
d60
As before, the index designates the position of the bit in the ROM ID of a 1-Wire device. The character
“d” marks the discrepancy flag in that particular bit position. The discrepancy flag will be 1 if there is a
conflict or no response in that particular bit position and 0 otherwise. The character “r’” marks the
actually chosen path at that particular bit position. The chosen path is identical to b2 for the particular bit
position of the ROM ID.
To perform a Search ROM sequence one starts with all bits rn being 0s. In case of a bus error, all
subsequent response bits r’n are 1’s until the Search Accelerator is deactivated by writing 0 to bit 1 of the
Command Register. Thus, if r’63 and d63 are both 1, an error has occurred during the search procedure and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com