Electronic Components Datasheet Search
  English  ▼

X  

LTC3733 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 1 Page - Linear Technology

  LTC3733 Datasheet HTML 1Page - Linear Technology LTC3733 Datasheet HTML 2Page - Linear Technology LTC3733 Datasheet HTML 3Page - Linear Technology LTC3733 Datasheet HTML 4Page - Linear Technology LTC3733 Datasheet HTML 5Page - Linear Technology LTC3733 Datasheet HTML 6Page - Linear Technology LTC3733 Datasheet HTML 7Page - Linear Technology LTC3733 Datasheet HTML 8Page - Linear Technology LTC3733 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC3733/LTC3733-1
3733f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
3-Phase, Buck
Controllers for AMD CPUs
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode, OPTI-LOOP and PolyPhase are registered trademarks of Linear Technology
Corporation. AMD Opteron is a trademark of Advanced Micro Devices, Inc.
The LTC
®3733 family are PolyPhase® synchronous step-
down switching regulator controllers that drive all
N-channel external power MOSFET stages in a phase-
lockable, fixed frequency architecture. The 3-phase con-
troller drives its output stages with 120
° phase separation
at frequencies of up to 530kHz per phase to minimize the
RMS current dissipated by the ESR of both the input and
output filter capacitors. The 3-phase technique effectively
triples the fundamental frequency, improving transient
response while operating each phase at an optimal fre-
quency for efficiency and ease of thermal design. Light
load efficiency is optimized by using a choice of output
stage shedding or Burst Mode technology.
A differential amplifier provides true remote sensing of both
the high and low sides of the output voltage at load points.
Soft-start and a defeatable, timed short-circuit shutdown
protect the MOSFETs and the load. A foldback current
circuit also provides protection for the external MOSFETs
under short-circuit or overload conditions. An all-“1” VID
detector turns off the regulator after 1
µs timeout.
s
3-Phase Controller with Onboard MOSFET Drivers
s
Current Mode Control Ensures Current Sharing
s
Differential Amplifier Accurately Senses VOUT
s
±5% Output Current Matching Optimizes Thermal
Performance and Size of Inductors and MOSFETs
s
Reduced Input and Output Capacitance
s
Supports Active Voltage Positioning
s
VID Programmable Output Voltage from 0.8V to 1.55V
(AMD Opteron
TM CPU)
s
6-Phase, 90A to 120A Operation
s
Output Power Good Indicator with Adaptive Blanking
s
210kHz to 530kHz Per Phase, PLL, Fixed Frequency
s
Synchronizable (LTC3733-1)
s
PWM, Stage Shedding or Burst Mode
® Operation
s
OPTI-LOOP
® Compensation Minimizes COUT
s
Adjustable Soft-Start Current Ramping
s
Short-Circuit Shutdown Timer with Defeat Option
s
No_CPU Detection
s
36-Lead 0.209" SSOP and 38-Lead (5mm
× 7mm) QFN
s
High Performance Notebook Computers
s
Servers, Desktop Computers and Workstations
Figure 1. High Current Triple Phase Step-Down Converter
0.002
Ω
L1 0.8
µH
22
µF
35V
×2
0.002
Ω
L2 0.8
µH
VIN
D1
D2
D3
0.002
Ω
COUT
470
µF
4V
×4
VOUT
0.8V TO 1.55V
65A
VIN
5V TO 28V
L3 0.8
µH
VIN
3733 F01
TG1
VCC
0.1
µF
SW3 SW2 SW1
SW1
BG1
SENSE1+
SENSE1–
BOOST1
BOOST2
BOOST3
TG2
SW2
BG2
PGOOD
RUN
PLLFLTR
ITH
0.1
µF
100pF
680pF
5 VID BITS
5k
ON/OFF
POWER GOOD INDICATOR
SS
SGND
EAIN
PGND
VID0-VID4
SENSE2+
SENSE2–
TG3
SW3
BG3
SENSE3+
SENSE3–
IN–
IN+
PLLIN
OPTIONAL SYN IN
+
10
µF
5V
+
LTC3733-1


Similar Part No. - LTC3733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
More results

Similar Description - LTC3733

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3719 LINER-LTC3719 Datasheet
451Kb / 32P
2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
Two-Phase Core Controller for AMD Mobile Turion CPUs
October 16, 2006
logo
Richtek Technology Corp...
RT8868A RICHTEK-RT8868A Datasheet
478Kb / 21P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2/AM3 CPUs
RT8855 RICHTEK-RT8855 Datasheet
334Kb / 18P
4/3/2/1-Phase PWM Controller for AMD AM2/AM2 CPUs
logo
International Rectifier
IR3541 IRF-IR3541 Datasheet
390Kb / 3P
Digital Multi-Phase Buck Controller Dual OCP support for I-spike enhanced AMD CPUs
logo
Linear Technology
LTC3719 LINER-LTC3719_15 Datasheet
452Kb / 32P
2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs
LTC3733 LINER-LTC3733_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
LTC3733-1 LINER-LTC3733-1_15 Datasheet
294Kb / 32P
3-Phase, Buck Controllers for AMD CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6267 RENESAS-ISL6267 Datasheet
1Mb / 33P
Multiphase PWM Regulator for AMD Fusion??Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com