Electronic Components Datasheet Search
  English  ▼

X  

LTC3733 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC3733 Datasheet HTML 24Page - Linear Technology LTC3733 Datasheet HTML 25Page - Linear Technology LTC3733 Datasheet HTML 26Page - Linear Technology LTC3733 Datasheet HTML 27Page - Linear Technology LTC3733 Datasheet HTML 28Page - Linear Technology LTC3733 Datasheet HTML 29Page - Linear Technology LTC3733 Datasheet HTML 30Page - Linear Technology LTC3733 Datasheet HTML 31Page - Linear Technology LTC3733 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
LTC3733/LTC3733-1
3733f
TYPICAL APPLICATIO
65A Power Supply for AMD Opteron Processors
VCC
10k
51k
VID1 IN
ON/OFF
30pF
1000pF
S1+
S1–
S2+
5V
S2–
S3–
S3+
VID1
RUN
PLLFLTR
FCB
IN+
IN–
DIFFOUT
LTC3733
EAIN
SGND
SENSE1+
SENSE1–
SENSE2+
SENSE2–
SENSE3–
SENSE3+
SS
ITH
VID2
VID0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
PGOOD
BOOST1
TG1
SW1
BOOST2
TG2
SW2
VCC
BG1
PGND
BG2
BG3
SW3
TG3
BOOST3
VID4
VID3
100pF
VCC
5V
VIN
M1
M2
D1
S1+
S1–
L1
0.002
Ω
220pF
0.1
µF
1k
100pF
22.1k
71.5k
1000pF
1
µF
VID0 IN
VID4 IN
VID3 IN
3733 TA01
VIN: 7V TO 21V
VOUT: 0.8V TO 1.55V, 65A
SWITCHING FREQUENCY: 300kHz
PGOOD
47k
1
Ω
1000pF
VID2 IN
10
µF
0.1
µF
VCC
0.1
µF
0.1
µF
VCC
VCC
VIN
M3
M4
D2
S2+
S2–
L2
0.002
Ω
VIN
M5
M6
D3
S3+
S3–
L3
0.002
Ω
10
µF
6.3V
×3
COUT
VIN
7V TO 21V
VOUT
+
10
µF
35V
×5
CIN
68
µF
25V
+
CIN: SANYO OS-CON 25SP68M
COUT: 330µF/2.5V ×10 SANYO POSCAP 2R5TPE330M9
D1 TO D3: MBRS340T3
L1 TO L3: 0.68
µH SUMIDA CEP125-0R6
M1, M3, M5: HAT2168H
×1 OR IRF7811W ×2 OR Si7860DP ×1
M2, M4, M6: HAT2165H
×2 OR IRF7822 ×2 OR Si7892DP ×2
Block Diagram—6-Phase LTC3731/LTC3733-1 Supply
3-PHASE LTC3731
CLKOUT
CLK
60
°
VIN
VOUT
0.8V TO 1.55V
90A TO 120A
3-PHASE LTC3733-1
PLLIN
3733 TA02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com