Electronic Components Datasheet Search
  English  ▼

X  

LTC3733 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3733 Datasheet HTML 23Page - Linear Technology LTC3733 Datasheet HTML 24Page - Linear Technology LTC3733 Datasheet HTML 25Page - Linear Technology LTC3733 Datasheet HTML 26Page - Linear Technology LTC3733 Datasheet HTML 27Page - Linear Technology LTC3733 Datasheet HTML 28Page - Linear Technology LTC3733 Datasheet HTML 29Page - Linear Technology LTC3733 Datasheet HTML 30Page - Linear Technology LTC3733 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC3733/LTC3733-1
3733f
APPLICATIO S I FOR ATIO
The worst-case input RMS ripple current for a single stage
design peaks at twice the value of the output voltage. The
worst-case input RMS ripple current for a two stage
design results in peaks at 1/4 and 3/4 of the input voltage,
and the worst-case input RMS ripple current for a three
stage design results in peaks at 1/6, 1/2, and 5/6 of the
input voltage. The peaks, however, are at ever decreasing
levels with the addition of more phases. A higher effective
duty factor results because the duty factors “add” as long
as the currents in each stage are balanced. Refer to AN19
for a detailed description of how to calculate RMS current
for the single stage switching regulator.
Figure 6 illustrates the RMS input current drawn from the
input capacitance versus the duty cycle as determined by
the ration of input and output voltage. The peak input RMS
current level of the single phase system is reduced by 2/3
in a 3-phase solution due to the current splitting between
the three stages.
The output ripple current is reduced significantly when
compared to the single phase solution using the same
inductance value because the VOUT/L discharge currents
term from the stages that has their bottom MOSFETs on
subtract current from the (VCC – VOUT)/L charging current
resulting from the stage which has its top MOSFET on. The
output ripple current for a 3-phase design is:
IP-P = ()( )()
>
V
fL
DC
V
V
OUT
IN
OUT
13
3
–
The ripple frequency is also increased by three, further
reducing the required output capacitance when VCC<3VOUT
as illustrated in Figure 4.
Efficiency Calculation
To estimate efficiency, the DC loss terms include the input
and output capacitor ESR, each MOSFET RDS(ON), induc-
tor resistance RL, the sense resistance RSENSE and the
forward drop of the Schottky rectifier at the operating
output current and temperature. Typical values for the
design example given previously in this data sheet are:
Main MOSFET RDS(ON) = 7mΩ (9mΩ at 90°C)
Sync MOSFET RDS(ON) = 7mΩ (9mΩ at 90°C)
CINESR = 20mΩ
COUTESR = 3mΩ
RL = 2.5mΩ
RSENSE = 3mΩ
VSCHOTTKY = 0.8V at 15A (0.7V at 90°C)
VOUT = 1.3V
VIN = 12V
IMAX = 0.8V at 15A (0.7V at 90°C)
δ = 0.01%°C
N = 3
f = 400kHz
The main MOSFET is on for the duty factor VOUT/VIN and
the synchronous MOSFET is on for the rest of the period
or simply (1 – VOUT/VIN). Assuming the ripple current is
small, the AC loss in the inductor can be made small if a
good quality inductor is chosen. The average current,
IOUT is used to simplify the calaculations. The equation
below is not exact but should provide a good technique
for the comparison of selected components and give a
result that is within 10% to 20% of the final application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com