Electronic Components Datasheet Search
  English  ▼

X  

LTC3733 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 5 Page - Linear Technology

  LTC3733 Datasheet HTML 1Page - Linear Technology LTC3733 Datasheet HTML 2Page - Linear Technology LTC3733 Datasheet HTML 3Page - Linear Technology LTC3733 Datasheet HTML 4Page - Linear Technology LTC3733 Datasheet HTML 5Page - Linear Technology LTC3733 Datasheet HTML 6Page - Linear Technology LTC3733 Datasheet HTML 7Page - Linear Technology LTC3733 Datasheet HTML 8Page - Linear Technology LTC3733 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
LTC3733/LTC3733-1
3733f
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs IOUT
Efficiency vs VIN
Efficiency vs Frequency
Reference Voltage vs
Temperature
Error Amplifier gm vs
Temperature
Maximum ISENSE Threshold vs
Temperature
Oscillator Frequency vs
Temperature
Oscillator Frequency vs VPLLFLTR
Undervoltage Reset Voltage vs
Temperature
INDUCTOR CURRENT (A)
0.1
0
10
30
40
50
100
70
10
3733 G01
20
80
90
60
1
100
VFCB = OPEN
VFCB = 0V
VIN = 8V
VOUT = 1.5V
VFCB = 5V
VIN (V)
0
70
100
75
15
3733 G02
85
80
95
90
5
25
10
20
IL = 20A
IL = 50A
VOUT = 1.5V
f = 210kHz
FREQUENCY (kHz)
200
85
100
450
3733 G03
91
88
97
94
250
550
350
300
400
500
VIN = 5V
VIN = 12V
VIN = 20V
VOUT = 1.5V
ILOAD = 20A
VIN = 8V
TEMPERATURE (
°C)
–45
590
610
45
3733 G04
595
605
600
–30
90
0
–15
15
75
30
60
TEMPERATURE (
°C)
–45
2.0
4.0
45
3733 G05
2.5
3.5
3.0
–30
90
0
–15
15
75
30
60
TEMPERATURE (
°C)
–45
65
85
45
3733 G06
70
80
75
–30
90
0
–15
15
75
30
60
VO = 1.55V
VO = 0.8V
TEMPERATURE (
°C)
–45
100
600
550
500
450
400
350
300
45
3733 G07
150
250
200
–30
90
0
–15
15
75
30
60
VPLLFLTR = 2.4V
VPLLFLTR = 1.2V
VPLLFLTR = 0V
VPLLFLTR = 5V
VPLLFLTR (V)
0
200
550
500
450
400
350
300
3733 G08
250
1.6
2.4
0.8
0.4
1.2
2.0
TEMPERATURE (
°C)
–45
3.0
5.0
45
3733 G09
3.5
4.5
4.0
–30
90
0
–15
15
75
30
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com