Electronic Components Datasheet Search
  English  ▼

X  

LTC3733 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3733 Datasheet HTML 24Page - Linear Technology LTC3733 Datasheet HTML 25Page - Linear Technology LTC3733 Datasheet HTML 26Page - Linear Technology LTC3733 Datasheet HTML 27Page - Linear Technology LTC3733 Datasheet HTML 28Page - Linear Technology LTC3733 Datasheet HTML 29Page - Linear Technology LTC3733 Datasheet HTML 30Page - Linear Technology LTC3733 Datasheet HTML 31Page - Linear Technology LTC3733 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
LTC3733/LTC3733-1
3733f
PACKAGE DESCRIPTIO
UHF Package
38-Lead Plastic QFN (7mm
× 5mm)
(Reference LTC DWG # 05-08-1701)
5.00
± 0.10
(2 SIDES)
NOTE:
1. DRAWING CONFORMS TO JEDEC PACKAGE
OUTLINE M0-220 VARIATION WHKD
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
0.40
± 0.10
37
1
2
38
BOTTOM VIEW—EXPOSED PAD
5.15
± 0.10
(2 SIDES)
7.00
± 0.10
(2 SIDES)
0.75
± 0.05
R = 0.115
TYP
0.25
± 0.05
(UH) QFN 0303
0.50 BSC
0.200 REF
0.200 REF
0.00 – 0.05
RECOMMENDED SOLDER PAD LAYOUT
3.15
± 0.10
(2 SIDES)
0.18
0.18
0.23
0.435
0.00 – 0.05
0.75
± 0.05
0.70
± 0.05
0.50 BSC
5.20
± 0.05 (2 SIDES)
3.20
± 0.05
(2 SIDES)
4.10
± 0.05
(2 SIDES)
5.50
± 0.05
(2 SIDES)
6.10
± 0.05 (2 SIDES)
7.50
± 0.05 (2 SIDES)
0.25
± 0.05
PACKAGE
OUTLINE
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com