Electronic Components Datasheet Search
  English  ▼

X  

LTC3733 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC3733 Datasheet HTML 24Page - Linear Technology LTC3733 Datasheet HTML 25Page - Linear Technology LTC3733 Datasheet HTML 26Page - Linear Technology LTC3733 Datasheet HTML 27Page - Linear Technology LTC3733 Datasheet HTML 28Page - Linear Technology LTC3733 Datasheet HTML 29Page - Linear Technology LTC3733 Datasheet HTML 30Page - Linear Technology LTC3733 Datasheet HTML 31Page - Linear Technology LTC3733 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC3733/LTC3733-1
3733f
LT/TP 1203 1K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2003
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1628
2-Phase, Dual Output Synchronous Step-Down
Reduces CIN and COUT, Power Good Output Signal, Synchronizable,
DC/DC Controllers
3.5V
≤ VIN ≤ 36V, IOUT up to 20A, 0.8V ≤ VOUT ≤ 5V
LTC1629/
20A to 200A PolyPhase Synchronous Controllers
Expandable from 2-Phase to 12-Phase, Uses All
LTC1629-PG
Surface Mount Components, No Heat Sink, VIN up to 36V
LTC1702
No RSENSE
TM 2-Phase Dual Synchronous Step-Down
550kHz, No Sense Resistor
Controller
LTC1703
No RSENSE 2-Phase Dual Synchronous Step-Down
Mobile Pentium
® III Processors, 550kHz,
Controller with 5-Bit Mobile VID Control
VIN ≤ 7V
LTC1708-PG
2-Phase, Dual Synchronous Controller with Mobile VID
3.5V
≤ VIN ≤ 36V, VID Sets VOUT1, PGOOD
LT
®1709/
High Efficiency, 2-Phase Synchronous Step-Down
1.3V
≤ VOUT ≤ 3.5V, Current Mode Ensures
LT1709-8
Switching Regulators with 5-Bit VID
Accurate Current Sharing, 3.5V
≤ VIN ≤ 36V
LTC1735
High Efficiency Synchronous Step-Down
Output Fault Protection, 16-Pin SSOP
Switching Regulator
LTC1736
High Efficiency Synchronous Controller with 5-Bit Mobile Output Fault Protection, 24-Pin SSOP,
VID Control
3.5V
≤ VIN ≤ 36V
LTC1778
No RSENSE Current Mode Synchronous Step-Down
Up to 97% Efficiency, 4V
≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ (0.9)(VIN),
Controller
IOUT up to 20A
LTC1929/
2-Phase Synchronous Controllers
Up to 42A, Uses All Surface Mount Components,
LTC1929-PG
No Heat Sinks, 3.5V
≤ VIN ≤ 36V
LTC3708
Dual, 2-Phase, No RSENSE Synchronous Buck with
Up/Down Output Voltage Tracking, Track Up to 8 Supplies,
Output Tracking
Fast Transient Response
LTC3711
No RSENSE Current Mode Synchronous Step-Down
Up to 97% Efficiency, Ideal for Pentium III Processors,
Controller with Digital 5-Bit Interface
0.925V
≤ VOUT ≤ 2V, 4V ≤ VIN ≤ 36V, IOUT up to 20A
LTC3719
2-Phase, 5-Bit VID Current Mode, High Efficiency
AMD Hammer-K8 Processors, Wide VIN Range: 4V to 36V Operation
Synchronous Step-Down Controller
LTC3729
20A to 200A, 550kHz PolyPhase Synchronous Controller
Expandable from 2-Phase to 12-Phase, Uses all Surface Mount
Components, VIN up to 36V
LTC3731
3-Phase, 600kHz Synchronous Buck
Expandable from 3-Phase to 12-Phase, Uses all Surface Mount
Switching Regulator Controller
Components, VIN up to 36V
LTC3732
3-Phase, 5-Bit VID, 600kHz Synchronous Buck
VRM9.0 and VRM9.1 (VID = 1.1V to 1.85V)
Switching Regulator Controller
No RSENSE is a trademark of Linear Technology Corporation. Pentium is a registered trademark of Intel Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com