Electronic Components Datasheet Search
  English  ▼

X  

LTC3733 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3733 Datasheet HTML 24Page - Linear Technology LTC3733 Datasheet HTML 25Page - Linear Technology LTC3733 Datasheet HTML 26Page - Linear Technology LTC3733 Datasheet HTML 27Page - Linear Technology LTC3733 Datasheet HTML 28Page - Linear Technology LTC3733 Datasheet HTML 29Page - Linear Technology LTC3733 Datasheet HTML 30Page - Linear Technology LTC3733 Datasheet HTML 31Page - Linear Technology LTC3733 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
LTC3733/LTC3733-1
3733f
APPLICATIO S I FOR ATIO
The temperature of the MOSFET’s die temperature may
require interative calculations if one is not familiar typical
performance. A maximum operating junction tempera-
ture of 90
° to 100°C for the MOSFETs is recommended
for high reliability applications.
Common output path DC loss:
PN
I
N
R
R
C
Loss
COMPATH
MAX
L
SENSE
OUTESR
≈ 


+
()+
2
This totals 3.375W + COUTESR loss.
Total of all three main MOSFET’s DC loss:
PN
V
V
I
N
R
C
Loss
MAIN
OUT
IN
MAX
DS ON
INESR
= 




+
()
+
2
1
δ
()
This totals 0.83W + CINESR loss.
Total of all three synchronous MOSFET’s DC loss:
PN
V
V
I
N
R
SYNC
OUT
IN
MAX
DS ON
= 




+
()
11
2
–
()
δ
This totals 5.4W.
Total of all three main MOSFET’s AC loss:
PV
A
pF
VV
V
kHz
W
MAIN
IN
≈Ω
+


=
3
45
23
2
1000
1
51 8
1
18
400
6 3
2
()
()()
()(
)
–.
.
()
.
This totals 1W at VIN = 8V, 2.25W at VIN = 12V and 6.25W
at VIN = 20V.
Total of all three synchronous MOSFET’s AC loss:
()
( ) ( )(
)
(
)
36 15
4 5
Q
V
V
fnC
V
V
E
G
IN
DSSPEC
IN
DSSPEC
=
This totals 0.08W at VIN = 8V, 0.12W at VIN = 12V and
0.19W at VIN = 20V. The bottom MOSFET does not
experience the Miller capacitance dissipation issue that
the main switch does because the bottom switch turns on
when its drain is close to ground.
The Schottky rectifier loss assuming 50ns nonoverlap
time:
2 • 3(0.7V)(15A)(50ns)(4E5)
This totals 1.26W.
The total output power is (1.3V)(45A) = 58.5W and the
total input power is approximately 60W so the % loss of
each component is as follows:
Main switch AC loss (VIN = 12V)
2.25W
3.75%
Main switch DC loss
0.83W
1.4%
Synchronous switch AC loss
0.19W
0.3%
Synchronous switch DC loss
5.4W
9%
Power path loss
3.375W 5.6%
The numbers above represent the values at VIN = 12V. It
can be seen from this simple example that two things can
be done to improve efficiency: 1) Use two MOSFETs on the
synchronous side and 2) use a smaller MOSFET for the
main switch with smaller CMILLER to better balance the AC
loss with the DC loss. A smaller, less expensive MOSFET
can actually perform better in the task of the main switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com