Electronic Components Datasheet Search
  English  ▼

X  

EC-1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EC-1 Datasheet HTML 3Page - Renesas Technology Corp EC-1 Datasheet HTML 4Page - Renesas Technology Corp EC-1 Datasheet HTML 5Page - Renesas Technology Corp EC-1 Datasheet HTML 6Page - Renesas Technology Corp EC-1 Datasheet HTML 7Page - Renesas Technology Corp EC-1 Datasheet HTML 8Page - Renesas Technology Corp EC-1 Datasheet HTML 9Page - Renesas Technology Corp EC-1 Datasheet HTML 10Page - Renesas Technology Corp EC-1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 7 of 58
Sep 30, 2016
EC-1
1. Overview
1.3
Block Diagram
Figure 1.1 shows a block diagram of a 196-pin device.
ESC:
EtherCAT slave controller
DMACAa:
DMA controller
SPIBSC:
SPI multi I/O bus controller
WDTA:
Watchdog timer
IWDTa:
Independent watchdog timer
SCIFA:
Serial communication interface with FIFO
RSPIa:
Serial peripheral interface
USB:
USB 2.0 HS host/function module
CMT:
Compare match timer
CMTW:
Compare match timer W
RIICa:
I2C bus interface
RSCAN:
CAN module
CRC:
CRC (cyclic redundancy check) calculator
CLMA:
Clock monitor circuit
ECM:
Error control module
VIC:
Vector interrupt controller
MPU:
Memory protection unit
ELC:
Event link controller
Note: Channels 3 and 4 are used only in asynchronous mode.
Figure 1.1
Block Diagram
CMT × 2 channels (unit 1)
CMTW × 1 channel (unit 1)
CMTW × 1 channel (unit 0)
CMT × 2 channels (unit 2)
Clock
generation
circuit
Cortex-R4F
WDTA×1ch
RIIC × 1 channel
CRC
IWDTa
USB
× 1 port
RSCAN × 1 channel
CMT × 2 channels (unit 0)
RSPIa × 2 channels
DMACAa ×
16 channels
(unit 0)
MPU
SCIFA × 5 channels*
ESC
CLMA
VIC
TCM
DMACAa ×
16 channels
(unit 1)
ELC
ECM
SPIBSC
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port C
Port D
Port E
Port F
Port G
Port J
Port M
Port R
Port S
Port U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com