Electronic Components Datasheet Search
  English  ▼

X  

EC-1 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  EC-1 Datasheet HTML 1Page - Renesas Technology Corp EC-1 Datasheet HTML 2Page - Renesas Technology Corp EC-1 Datasheet HTML 3Page - Renesas Technology Corp EC-1 Datasheet HTML 4Page - Renesas Technology Corp EC-1 Datasheet HTML 5Page - Renesas Technology Corp EC-1 Datasheet HTML 6Page - Renesas Technology Corp EC-1 Datasheet HTML 7Page - Renesas Technology Corp EC-1 Datasheet HTML 8Page - Renesas Technology Corp EC-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 3 of 58
Sep 30, 2016
EC-1
1. Overview
Event link controller (ELC)
• Event signals can be interlinked with the operation of modules.
• In particular, the operation of timer modules can be started by input event signals.
• Event-linked operation of signals of ports B and E is to be possible.
Multi-function pin controller (MPC)
The locations of input/output functions are selectable from among multiple pins.
Timer
Compare match timer
(CMT)
• (16 bits × 2 channels) × 3 units
• Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 75 MHz)
• Event linking by the ELC
Compare match timer W
(CMTW)
• (32 bits × 1 channel) × 2 units
• Compare-match, input-capture input, and output-comparison output are available.
• Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 75 MHz)
• Interrupt requests can be output in response to compare-match, input-capture, and
output-comparison events.
• Digital noise filter function for signals on the input capture pins
• Event linking by the ELC
Watchdog timer (WDTA)
• 14 bits × 1 channel
• Select from among six counter-input clock signals for each channel (with maximum
operating frequency of 75 MHz)
Independent watchdog
timer (IWDTa)
• 14 bits × 1 channel
• Counter-input clock: Low-speed on-chip oscillator (LOCO)/2
Dedicated clock/1, dedicated clock/16, dedicated clock/32, dedicated clock/64,
dedicated clock/128, dedicated clock/256 (with maximum operating frequency of 120
MHz)
Communication
function
EtherCAT Slave
Controller (ESC) *1
• 1 channel (2 ports)
• EtherCAT Slave Controller IP core (made by Beckhoff Automation GmbH) implemented
USB 2.0 HS host/
function module
• 1 port
• Compliance with the USB 2.0 specification
• Transfer rate
High speed (480 Mbps), full speed (12 Mbps)
• Communications buffer
Incorporates 1 Kbyte of RAM for host mode
Incorporates 8 Kbytes of RAM for function mode
Serial communication
interface with FIFO
(SCIFA)
• 5 channels
• Serial communications modes: Asynchronous, clock synchronous*2
• On-chip baud rate generator allows selection of the desired bit rate
• Choice of LSB-first or MSB-first transfer
• Both the transmission and reception sections are equipped with 16-byte FIFO buffers,
allowing continuous transmission and reception.
• Bit rate modulation
I2C bus interface (RIICa)
• 1 channel
I2C bus format
Supports the multi-master
Max. transfer rate: 400 kbps
• Event linking by the ELC
CAN module (RSCAN)
• 1 channel
• Compliance with the ISO11898-1 specification (standard frame and extended frame)
• Message buffers
Max. 64 x 1 channel of receive message buffers
16 transmit message buffers per channel
• Max. transfer rate: 1 Mbps
Table 1.1
Outline of Specifications (2 / 3)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com