Electronic Components Datasheet Search
  English  ▼

X  

EC-1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EC-1 Datasheet HTML 1Page - Renesas Technology Corp EC-1 Datasheet HTML 2Page - Renesas Technology Corp EC-1 Datasheet HTML 3Page - Renesas Technology Corp EC-1 Datasheet HTML 4Page - Renesas Technology Corp EC-1 Datasheet HTML 5Page - Renesas Technology Corp EC-1 Datasheet HTML 6Page - Renesas Technology Corp EC-1 Datasheet HTML 7Page - Renesas Technology Corp EC-1 Datasheet HTML 8Page - Renesas Technology Corp EC-1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 1 of 58
Sep 30, 2016
Datasheet
EC-1
Features
■ On-chip 32-bit ARM Cortex-R4F processor
• High-speed realtime control with maximum operating frequency of
150 MHz
Capable of 249 DMIPS
• On-chip 32-bit ARM Cortex-R4F (revision r1p4)
• Tightly coupled memory (TCM) with ECC: 512 Kbytes/32 Kbytes
• Instruction cache/data cache with ECC: 8 Kbytes per cache
• High-speed interrupt
• The FPU supports addition, subtraction, multiplication, division,
multiply-and-accumulate, and square-root operations at single-
precision and double-precision.
• Harvard architecture with 8-stage pipeline
• Supports the memory protection unit (MPU)
• ARM CoreSight architecture, includes support for debugging
through JTAG and SWD interfaces
■ Low power consumption
• Standby mode, and module stop function
■ Data transfer
• DMACAa: 16 channels × 2 units
■ Event link controller
• Module operations can be started by event signals rather than by
interrupt handlers.
• Linked operation of modules is available even while the CPU is in
the sleep state.
■ Reset and power supply voltage control
• Three reset sources including a pin reset
• Dual power-voltage configuration: 3.3 V (I/O unit), 1.2 V
(internal)
■ Clock functions
• Oscillator input frequency: 25 MHz
• CPU clock frequency: 150 MHz
• Low-speed on-chip oscillator (LOCO): 240 kHz
■ Independent watchdog timer
• Operated by a clock signal obtained by frequency-dividing the
clock signal from the low-speed on-chip oscillator: Up to 120 kHz
■ Safety functions
• Register write protection, input clock oscillation stop detection,
CRC, and IWDTa
• An error control module is incorporated to generate a pin signal
output, interrupt, or internal reset in response to errors originating
in the various modules.
■ Various communications interfaces
• EtherCAT slave controller: 2 ports
• USB 2.0 high-speed host/function : 1 channel
• CAN (compliant with ISO11898-1): 1 channel
• SCIFA with 16-byte transmission and reception FIFOs: 5 channels
• I2C bus interface: 1 channel for transfer at up to 400 kbps
• RSPIa: 2 channels
• SPIBSC: Provides a single interface for multi-I/O compatible
serial flash memory
■ 8 extended-function timers
• 16-bit CMT (6 channels), 32-bit CMTW (2 channels)
■ General-purpose I/O ports
• 5-V tolerance, open drain, input pull-up
■ Multi-function pin controller
• The locations of input/output functions for peripheral modules are
selectable from among multiple pins.
■ Operating temperature range*1
• Tj = -40°C to +125°C
Tj: Junction temperature
PLBG0196GA-B 12x12mm, 0.8-mm pitch
150 MHz, MCU with ARM Cortex®-R4F, on-chip FPU, 249 DMIPS, EtherCAT, USB 2.0 high-speed,
CAN, various communications interfaces such as an SPI multi-I/O bus controller, and safety functions
R01DS0289EJ0100
Rev.1.00
Sep 30, 2016
Note 1.
When the operating temperature (junction temperature) is 110°C or higher, refer to the precautions regarding the high-temperature operation on
the EC-1(R01AN3998).


Similar Part No. - EC-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC-10N16 ETC1-EC-10N16 Datasheet
227Kb / 3P
HIGH POWER 125W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
EC-10N20 ETC1-EC-10N20 Datasheet
227Kb / 3P
HIGH POWER 125W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
EC-10P16 ETC1-EC-10P16 Datasheet
227Kb / 3P
HIGH POWER 125W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
EC-10P20 ETC1-EC-10P20 Datasheet
227Kb / 3P
HIGH POWER 125W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
logo
Extech Instruments Corp...
EC-12880-P EXTECH-EC-12880-P Datasheet
183Kb / 1P
ExStik II Conductivity Kit
More results

Similar Description - EC-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
Renesas Technology Corp
RZ-T1 RENESAS-RZ-T1 Datasheet
1Mb / 132P
On-chip 32-bit ARM Cortex-R4F processor
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
GigaDevice Semiconducto...
GD32E230XX GIGADEVICE-GD32E230XX Datasheet
2Mb / 76P
ARM Cortex-M23 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com