Electronic Components Datasheet Search
  English  ▼

X  

EC-1 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button EC-1 Datasheet HTML 24Page - Renesas Technology Corp EC-1 Datasheet HTML 25Page - Renesas Technology Corp EC-1 Datasheet HTML 26Page - Renesas Technology Corp EC-1 Datasheet HTML 27Page - Renesas Technology Corp EC-1 Datasheet HTML 28Page - Renesas Technology Corp EC-1 Datasheet HTML 29Page - Renesas Technology Corp EC-1 Datasheet HTML 30Page - Renesas Technology Corp EC-1 Datasheet HTML 31Page - Renesas Technology Corp EC-1 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 28 of 58
Sep 30, 2016
EC-1
2. Electrical Characteristics
2.4
AC Characteristics
• Conditions: VDD = PLLVDD0 = PLLVDD1 = DVDD_USB = 1.14 to 1.26 V,
VCCQ33 = VDD33_USB = 3.0 to 3.6 V
VSS = PLLVSS0 = PLLVSS1 = VSS_USB = 0 V,
Tj = –40 to 125 °C
n = 0, 1
Table 2.10
Operating Frequency
Item
Symbol
min
max
Unit
Operating frequency
CPU clock (CPUCLK)
f
150
MHz
System clock (ICLK)
150
Peripheral module clock (PCLKA)
150
Peripheral module clock (PCLKB)
75
Peripheral module clock (PCLKD)
75
Peripheral module clock (PCLKE)
18.75
75
High-speed serial clock (SERICLK)
120
150
External clock output for EtherCAT PHY (CLKOUT25Mn)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com