Electronic Components Datasheet Search
  English  ▼

X  

EC-1 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button EC-1 Datasheet HTML 11Page - Renesas Technology Corp EC-1 Datasheet HTML 12Page - Renesas Technology Corp EC-1 Datasheet HTML 13Page - Renesas Technology Corp EC-1 Datasheet HTML 14Page - Renesas Technology Corp EC-1 Datasheet HTML 15Page - Renesas Technology Corp EC-1 Datasheet HTML 16Page - Renesas Technology Corp EC-1 Datasheet HTML 17Page - Renesas Technology Corp EC-1 Datasheet HTML 18Page - Renesas Technology Corp EC-1 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 15 of 58
Sep 30, 2016
EC-1
1. Overview
K9
VDD
K10
VCCQ33
K11
PE1 / SSL03 / TRACEDATA1
K12
PE5 / TXD1 / MOSI0 / TRACEDATA5
K13
PE6 / IRQ6 / RXD1 / MISO0 / TRACEDATA6
K14
P70 / IRQ0 / RTS1# / USB_OVRCUR / TRACECLK
L1
VSS
L2
PM3 / CATSYNC0 / CATLATCH0
L3
USB_RREF
L4
P62 / SPBCLK
L5
VCCQ33
L6
PG2 / TOC0 / RSPCK1
L7
VDD
L8
PR1 / IRQ9 / CTS1#
L9
P27 / RTS0#
L10
VDD
L11
VCCQ33
L12
PS6 / IRQ14 / RXD2
L13
PE3 / IRQ3 / CTS1# / SSL01 / TRACEDATA3
L14
PE4 / RTS1# / SSL00 / TRACEDATA4
M1
PM2 / CATSYNC1 / CATLATCH1
M2
PM6 / IRQ6 / CATLINKACT0
M3
VSS_USB
M4
P60 / SPBSSL
M5
P64 / SPBMI/SPBIO1
M6
PG3 / TIC1 / MISO1
M7
PG5 / SSL10
M8
P21 / IRQ1 / CTS0#
M9
P26
M10
P44 / IRQ12 / CTS0#
M11
PS0
M12
P00 / TRACECTL
M13
PS7 / TXD2
M14
PE2 / IRQ2 / SSL02 / TRACEDATA2
N1
PM7 / CATLINKACT1
N2
PM5 / CATLEDSTER
N3
DVDD_USB
N4
P61 / SPBIO3 / CTXD1
N5
P63 / SPBMO/SPBIO0
N6
PG4 / TOC1 / MOSI1
N7
PG6 / SSL11
N8
P22 / IRQ2 / SCK0
N9
P20
N10
P42 / RXD0
N11
PS1 / IRQ1
Table 1.5
Pin Assignments (196-Pin FBGA) (4 / 5)
Pin Number
Pin Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com