Electronic Components Datasheet Search
  English  ▼

X  

EC-1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EC-1
Description  On-chip 32-bit ARM Cortex-R4F processor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EC-1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EC-1 Datasheet HTML 6Page - Renesas Technology Corp EC-1 Datasheet HTML 7Page - Renesas Technology Corp EC-1 Datasheet HTML 8Page - Renesas Technology Corp EC-1 Datasheet HTML 9Page - Renesas Technology Corp EC-1 Datasheet HTML 10Page - Renesas Technology Corp EC-1 Datasheet HTML 11Page - Renesas Technology Corp EC-1 Datasheet HTML 12Page - Renesas Technology Corp EC-1 Datasheet HTML 13Page - Renesas Technology Corp EC-1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
R01DS0289EJ0100 Rev.1.00
Page 10 of 58
Sep 30, 2016
EC-1
1. Overview
SPI multi I/O bus
controller (SPIBSC)
SPBCLK
Output
Clock output pin
SPBSSL
Output
Slave select signal output pin
SPBMO/SPBIO0
I/O
Master transmit data/data 0 I/O pin
SPBMI/SPBIO1
I/O
Master input data/data 1 I/O pin
SPBIO2, SPBIO3
I/O
Data 2, data 3 I/O pins
I/O ports
P00
I/O
1-bit I/O pin
P10, P12, P16, P17
I/O
4-bit I/O pins
P20 to P23, P25 to P27
I/O
7-bit I/O pins
P33 to P35
I/O
3-bit I/O pins
P40, P42, P44
I/O
3-bit I/O pins
P50 to P54, P56
I/O
6-bit I/O pins
P60 to P66
I/O
7-bit I/O pins
P70 to P77
I/O
8-bit I/O pins
P80 to P87
I/O
8-bit I/O pins
P90 to P97
I/O
8-bit I/O pins
PA0 to PA7
I/O
8-bit I/O pins
PB0 to PB7
I/O
8-bit I/O pins
PC0 to PC7
Input
8-bit input pins
PD5 to PD7
I/O
3-bit I/O pins
PF5 to PF7
I/O
3-bit I/O pins
PG2 to PG6
I/O
5-bit I/O pins
PJ0 to PJ7
I/O
8-bit I/O pins
PM1 to PM7
I/O
7-bit I/O pins
PR1
I/O
1-bit I/O pin
PS0 to PS7
I/O
8-bit I/O pins
PU7
I/O
1-bit I/O pin
Others
IC0
Input
Connect to VSS via a resistor (pull-down)
Table 1.4
Pin Functions (3 / 3)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com