Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 4 Page - Texas Instruments

  LM5145 Datasheet HTML 1Page - Texas Instruments LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
RT
HO
SW
BST
LO
PGND
VCC
SS/TRK
COMP
FB
AGND
SYNCOUT
SYNCIN
NC
EP
NC
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
Exposed
Pad
(EP)
4
LM5145
SNVSAI4 – JUNE 2017
www.ti.com
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
P = Power, G = Ground, I = Input, O = Output.
6 Pin Configuration and Functions
RGY Package
20-Pin VQFN With Wettable Flanks
Top View
Connect Exposed Pad on bottom to AGND and PGND on the PCB.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
EN/UVLO
I
Enable input and undervoltage lockout programming pin. If the EN/UVLO voltage is below 0.4 V, the
controller is in the shutdown mode with all functions disabled. If the EN/UVLO voltage is greater than 0.4 V
and less than 1.2 V, the regulator is in standby mode with the VCC regulator operational, the SS pin
grounded, and no switching at the HO and LO outputs. If the EN/UVLO voltage is above 1.2 V, the SS/TRK
pin is allowed to ramp and pulse-width modulated gate drive signals are delivered to the HO and LO pins. A
10-μA current source is enabled when EN/UVLO exceeds 1.2 V and flows through the external UVLO
resistor divider to provide hysteresis. Hysteresis can be adjusted by varying the resistance of the external
divider.
2
RT
I
Oscillator frequency adjust pin. The internal oscillator is programmed with a single resistor between RT and
the AGND. The recommended maximum oscillator frequency is 1 MHz. An RT pin resistor is required even
when using the SYNCIN pin to synchronize to an external clock.
3
SS/TRK
I
Soft-start and voltage tracking pin. An external capacitor and an internal 10-μA current source set the ramp
rate of the error amplifier reference during start-up. When the SS/TRK pin voltage is less than 0.8 V, the
SS/TRK voltage controls the noninverting input of the error amp. When the SS/TRK voltage exceeds 0.8 V,
the amplifier is controlled by the internal 0.8-V reference. SS/TRK is discharged to ground during standby
and fault conditions. After start-up, the SS/TRK voltage is clamped 115 mV above the FB pin voltage. If FB
falls due to a load fault, SS/TRK is discharged to a level 115 mV above FB to provide a controlled recovery
when the fault is removed. Voltage tracking can be implemented by connecting a low impedance reference
between 0 V and 0.8 V to the SS/TRK pin. The 10-µA SS/TRK charging current flows into the reference
and produces a voltage error if the impedance is not low. Connect a minimum capacitance from SS/TRK to
AGND of 2.2 nF.
4
COMP
O
Low impedance output of the internal error amplifier. The loop compensation network should be connected
between the COMP pin and the FB pin.
5
FB
I
Feedback connection to the inverting input of the internal error amplifier. A resistor divider from the output
to this pin sets the output voltage level. The regulation threshold at the FB pin is nominally 0.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com