Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments LM5145 Datasheet HTML 54Page - Texas Instruments LM5145 Datasheet HTML 55Page - Texas Instruments LM5145 Datasheet HTML 56Page - Texas Instruments LM5145 Datasheet HTML 57Page - Texas Instruments LM5145 Datasheet HTML 58Page - Texas Instruments LM5145 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
55
LM5145
www.ti.com
SNVSAI4 – JUNE 2017
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Layout Guidelines (continued)
ground plane(s). Pay particular attention to shielding the feedback (FB) trace from power traces and
components.
3. The upper feedback resistor can be connected directly to the output voltage sense point at the load device or
the bulk capacitor at the converter side.
4. Connect the ILIM setting resistor from the drain of the low-side MOSFET to ILIM and make the connections
as close as possible to the LM5145. The trace from the ILIM pin to the resistor should avoid coupling to a
high-voltage switching net.
5. Minimize the loop area from the VCC and VIN pins through their respective decoupling capacitors to the
GND pin. Locate these capacitors as close as possible to the LM5145.
11.1.4 Thermal Design and Layout
The useful operating temperature range of a PWM controller with integrated gate drivers and bias supply LDO
regulator is greatly affected by:
•
average gate drive current requirements of the power MOSFETs;
•
switching frequency;
•
operating input voltage (affecting bias regulator LDO voltage drop and hence its power dissipation);
•
thermal characteristics of the package and operating environment.
In order for a PWM controller to be useful over a particular temperature range, the package must allow for the
efficient removal of the heat produced while keeping the junction temperature within rated limits. The LM5145
controller is available in a small 3.5-mm x 4.5-mm VQFN-20 (RGY) PowerPAD™ package to cover a range of
application requirements. The thermal metrics of this package are summarized in Thermal Information. The
application report IC Package Thermal Metrics (SPRA953) provides detailed information regarding the thermal
information table.
The VQFN-20 package offers a means of removing heat from the semiconductor die through the exposed
thermal pad at the base of the package. While the exposed pad of the package is not directly connected to any
leads of the package, it is thermally connected to the substrate of the LM5145 device (ground). This allows a
significant improvement in heat-sinking, and it becomes imperative that the PCB is designed with thermal lands,
thermal vias, and a ground plane to complete the heat removal subsystem. The exposed pad of the LM5145 is
soldered to the ground-connected copper land on the PCB directly underneath the device package, reducing the
thermal resistance to a very low value. Wide traces of the copper tying in the no-connect pins of the LM5145
(pins 9 and 16) and connection to this thermal land helps to dissipate heat.
Numerous vias with a 0.3-mm diameter connected from the thermal land to the internal/solder-side ground
plane(s) are vital to help dissipation. In a multi-layer PCB design, a solid ground plane is typically placed on the
PCB layer below the power components. Not only does this provide a plane for the power stage currents to flow
but it also represents a thermally conductive path away from the heat generating devices.
The thermal characteristics of the MOSFETs also are significant. The drain pad of the high-side MOSFET is
normally connected to a VIN plane for heat-sinking. The drain pad of the low-side MOSFET is tied to the SW
plane, but the SW plane area is purposely kept relatively small to mitigate EMI concerns.
11.1.5 Ground Plane Design
As mentioned previously, using one or more of the inner PCB layers as a solid ground plane is recommended. A
ground plane offers shielding for sensitive circuits and traces and also provides a quiet reference potential for the
control circuitry. Connect the PGND pin to the system ground plane using an array of vias under the exposed
pad. Also connect the PGND directly to the return terminals of the input and output capacitors. The PGND net
contains noise at the switching frequency and can bounce because of load current variations. The power traces
for PGND, VIN and SW can be restricted to one side of the ground plane. The other side of the ground plane
contains much less noise and is ideal for sensitive analog trace routes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com