Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Output Current (A)
0
2
4
6
8
10
0
20
40
60
80
100
VIN = 6V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
Junction Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.792
0.794
0.796
0.798
0.8
0.802
0.804
0.806
0.808
Output Current (A)
0
2
4
6
8
10
75
80
85
90
95
100
VIN = 14V
VIN = 18V
VIN = 24V
VIN = 36V
VIN = 48V
Output Current (A)
0
1
2
3
4
5
70
75
80
85
90
95
100
VIN = 36V
VIN = 48V
VIN = 60V
VIN = 75V
Output Current (A)
0
5
10
15
20
65
70
75
80
85
90
95
100
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
VIN = 75V
Output Current (A)
0.1
0.5
1
5
10
20
20
20
30
40
50
60
70
80
90
100
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 60V
VIN = 75V
11
LM5145
www.ti.com
SNVSAI4 – JUNE 2017
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Typical Characteristics
VVIN = 48 V, RRT = 25 kΩ, SYNCIN tied to VCC, EN/UVLO tied to VIN (unless otherwise noted).
VOUT = 5 V
See Figure 46
VSYNCIN = VVCC
FSW = 230 kHz
RRT = 43.2 kΩ
Figure 1. Efficiency vs Load, CCM
VOUT = 5 V
See Figure 46
VSYNCIN = 0 V
FSW = 230 kHz
RRT = 43.2 kΩ
Figure 2. Efficiency vs Load, DCM
VOUT = 12 V
See Figure 59
FSW = 400 kHz
RRT = 24.9 kΩ
Figure 3. Efficiency vs Load, CCM
VOUT = 24 V
See Figure 72
FSW = 440 kHz
RRT = 22.6 kΩ
Figure 4. Efficiency vs Load, CCM
VOUT = 1.1 V
See Figure 85
FSW = 300 kHz
RRT = 33.2 kΩ
Figure 5. Efficiency vs Load, CCM
Figure 6. FB Voltage vs Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com