Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 1 Page - Texas Instruments

  LM5145 Datasheet HTML 1Page - Texas Instruments LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
BST
HO
SW
VCC
PGND
RT
SS/TRK
COMP
FB
AGND
VIN
VOUT
LM5145
VOUT
SYNC In
GND
PG
SYNCOUT
SYNCIN
EN/UVLO
VIN
ILIM
PGOOD
SYNC Out
LO
LF
COUT
Q1
Q2
CIN
RILIM
CVCC
CBST
CSS
RFB2
RFB1
RC2
CC2
CC1
RC1
CC3
RRT
EN
VIN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM5145
SNVSAI4 – JUNE 2017
LM5145 6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
1
1 Features
1
•
Versatile Synchronous Buck DC-DC Controller
–
Wide Input Voltage Range of 6 V to 75 V
–
Adjustable Output Voltage From 0.8 V to 60 V
•
Meets EN55022 / CISPR 22 EMI Standards
•
Lossless RDS(on) or Shunt Current Sensing
•
Switching Frequency From 100 kHz to 1 MHz
–
SYNC In and SYNC Out Capability
•
40-ns Minimum On-Time for High VIN / VOUT Ratio
•
140-ns Minimum Off-Time for Low Dropout
•
0.8-V Reference With ±1% Feedback Accuracy
•
7.5-V Gate Drivers for Standard VTH MOSFETs
–
14-ns Adaptive Dead-Time Control
–
2.3-A Source and 3.5-A Sink Capability
–
Low-Side Soft-Start for Prebiased Start-Up
•
Adjustable Soft-Start or Optional Voltage Tracking
•
Fast Line and Load Transient Response
–
Voltage-Mode Control With Line Feedforward
–
High Gain-Bandwidth Error Amplifier
•
Precision Enable Input and Open-Drain Power
Good Indicator for Sequencing and Control
•
Inherent Protection Features for Robust Design
–
Hiccup Mode Overcurrent Protection
–
Input UVLO With Hysteresis
–
VCC and Gate Drive UVLO Protection
–
Thermal Shutdown Protection With Hysteresis
•
VQFN-20 Package With Wettable Flanks
•
Create a Custom Design Using the LM5145 With
WEBENCH® Power Designer
2 Applications
•
Remote Radio Unit (RRU) and BTS
•
Networking and Computing Power
•
Non-Isolated PoE and IP Cameras
•
Industrial Motor Drives
3 Description
The LM5145 75-V synchronous buck controller is
designed to regulate from a high input voltage source
or from an input rail subject to high voltage transients,
minimizing the need for external surge suppression
components. A high-side switch minimum on-time of
40 ns facilitates large step-down ratios, enabling the
direct step-down conversion from 48 V to low-voltage
rails for reduced system complexity and solution cost.
The LM5145 continues to operate at nearly 100%
duty cycle during input voltage dips as low as 6 V,
making it well suited for high-performance industrial
control, robotic, datacom and RF power amplifier
applications.
Forced-PWM (FPWM) operation eliminates frequency
variation to minimize EMI, while a user-selectable
diode emulation feature lowers current consumption
at light-load conditions. Cycle-by-cycle overcurrent
protection is accomplished by measuring the voltage
drop across the low-side MOSFET or by using an
optional
current
sense
resistor.
The
adjustable
switching frequency as high as 1 MHz can be
synchronized to an external clock source to eliminate
beat frequencies in noise-sensitive applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM5145
VQFN (20)
3.50 mm × 4.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit and Efficiency Performance, VOUT = 5 V


Similar Part No. - LM5145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5145 TI-LM5145 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5145 TI-LM5145 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5145 TI1-LM5145 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results

Similar Description - LM5145

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Texas Instruments
LM25145 TI1-LM25145 Datasheet
2Mb / 62P
6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
STMicroelectronics
L3751 STMICROELECTRONICS-L3751 Datasheet
4Mb / 41P
Wide 6 V to 75 V input voltage synchronous buck controller
08-Apr-2022
logo
Texas Instruments
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com