Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5145 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
7
LM5145
www.ti.com
SNVSAI4 – JUNE 2017
Product Folder Links: LM5145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Recommended Operating Conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see Electrical Characteristics.
7.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to 125°C (unless otherwise noted).
(1)
MIN
NOM
MAX
UNIT
VI
Input voltages
VIN
6
75
V
SW
–1
75
ILIM
–1
75
External VCC bias rail
8
13
EN/UVLO
0
75
VO
Output voltages
BST
–0.3
88
V
BST to VCC
75
BST to SW
5
13
PGOOD
13
ISINK,
ISRC
Sink/source currents
SYNCOUT
–1
1
mA
PGOOD
2
TJ
Operating junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LM5145
UNIT
RGY (VQFN)
20 PINS
RθJA
Junction-to-ambient thermal resistance
36.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
28
°C/W
RθJB
Junction-to-board thermal resistance
11.8
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
11.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.1
°C/W
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applying statistical process control.
(2)
The junction temperature (TJ in °C) is calculated from the ambient temperature (TA in °C) and power dissipation (PD in Watts) as follows:
TJ = TA + (PD • RθJA) where RθJA (in °C/W) is the package thermal impedance provided in Thermal Information.
7.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 125°C junction temperature
range unless otherwise stated. VIN = 48 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Operating input voltage range
6
75
V
IQ-RUN
Operating input current, not switching
VEN/UVLO = 1.5 V, VSS/TRK = 0 V
1.8
2.1
mA
IQ-STBY
Standby input current
VEN/UVLO = 1 V
1.75
2
mA
IQ-SDN
Shutdown input current
VEN/UVLO = 0 V, VVCC < 1 V
13.5
16
µA
VCC REGULATOR
VVCC
VCC regulation voltage
VSS/TRK = 0 V, 9 V ≤ VVIN ≤ 75 V,
0 mA < IVCC ≤ 20 mA
7.3
7.5
7.7
V
VVCC-LDO
VIN to VCC dropout voltage
VVIN = 6 V, VSS/TRK = 0 V, IVCC = 20 mA
0.25
0.63
V
ISC-LDO
VCC short-circuit current
VSS/TRK = 0 V, VVCC = 0 V
40
50
70
mA
VVCC-UV
VCC undervoltage threshold
VVCC rising
4.8
4.93
5.2
V
VVCC-UVH
VCC undervoltage hysteresis
Rising threshold – falling threshold
0.26
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com