Electronic Components Datasheet Search
  English  ▼

X  

HT45F5Q Datasheet(PDF) 47 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 47 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 43Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 44Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 45Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 51Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
Rev. 1.10
4�
De�e��e� 1�� �01�
Rev. 1.10
47
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
RES Pin Reset
AlthoughthemicrocontrollerhasaninternalRCresetfunction,iftheVDDpowersupplyrisetime
isnotfastenoughordoesnotstabilisequicklyatpower-on,theinternalresetfunctionmaybe
incapableofprovidingproperresetoperation.Forthisreasonitisrecommendedthatanexternal
RCnetworkisconnectedtotheRESpin,whoseadditionaltimedelaywillensurethattheRESpin
remainslowforanextendedperiodtoallowthepowersupplytostabilise.Duringthistimedelay,
normaloperationofthemicrocontrollerwillbeinhibited.AftertheRESlinereachesacertain
voltagevalue,theresetdelaytimetRSTDisinvokedtoprovideanextradelaytimeafterwhichthe
microcontrollerwillbeginnormaloperation.TheabbreviationSSTinthefiguresstandsforSystem
Start-upTimer.
FormostapplicationsaresistorconnectedbetweenVDDandtheRESpinandacapacitorconnected
betweenVSSandtheRESpinwillprovideasuitableexternalresetcircuit.Anywiringconnected
totheRESpinshouldbekeptasshortaspossibletominimizeanystraynoiseinterference.For
applicationsthatoperatewithinanenvironmentwheremorenoiseispresenttheEnhancedReset
Circuitshownisrecommended.
RE S
0. 1~ 1 m F
10 k W ~
100k W
VD D
VSS
0. 01 m F* *
V DD
1N 4148 *
30 0 W *
Note:“*”ItisrecommendedthatthiscomponentisaddedforaddedESDprotection
“**”Itisrecommendedthatthiscomponentisaddedinenvironmentswherepowerlinenoise
issignificant
External RES Circuit
MoreinformationregardingexternalresetcircuitsislocatedinApplicationNoteHA0075Eonthe
Holtekwebsite.
PullingtheRESPinlowusingexternalhardwarewillalsoexecuteadevicereset.Inthiscase,asin
thecaseofotherresets,theProgramCounterwillresettozeroandprogramexecutioninitiatedfrom
thispoint.
RE S
In te r nal R es et
0. 9 V DD
0. 4 V DD
t RS TD + t SST
Note:tRSTDispower-ondelay,typicaltime=16.7ms
RES Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com