Electronic Components Datasheet Search
  English  ▼

X  

HT45F5Q Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 81Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 82Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 83Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 84Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 85Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 86Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 87Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
Rev. 1.10
84
De�e��e� 1�� �01�
Rev. 1.10
85
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
Digital to Analog Converter
Thebatterychargemodulecontainsan8-bitDAC.TheDACisusedtosetareferencecharging
currentorreferencechargingvoltageusingDAC8register.
D[7:0]
R�R
8 Bit DAC
ENDAC
S0
-
+
OPA1
VDD
PA5/A1P
DAC0
Note:1.TheENDAChasinterlockingrelationshipswithS0
WhenENDAC=0,DACdisableandS0off.
WhenENDAC=1,DACenableandS0on.
2.OPA1positiveinputvoltagecanbeselectedfromexternalpin,whichisnamedA1P.
DAC8 Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
0
0
0
0
0
0
0
Bit7~0
D7~D0:DACoutputcontrolcode
TheDACoutputvoltageiscalculatedusingthefollowingequation:
8-bitDACoutputvoltage=
8
8[7 : 0]
2
DD
DAC
V
×
DACC Register
Bit
7
6
5
4
3
2
1
0
Na�e
ENDAC
—
—
—
—
—
—
—
R/W
R/W
—
—
—
—
—
—
—
POR
1
—
—
—
—
—
—
—
Bit7
ENDAC:DACandS0control
0:DACdisable&S0off
1:DACenable&S0on
Bit6~0
Unimplemented,readas“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com