Electronic Components Datasheet Search
  English  ▼

X  

HT45F5Q Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 114 page
background image
Rev. 1.10
74
De�e��e� 1�� �01�
Rev. 1.10
75
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
A/D Converter Register Description
OveralloperationoftheA/Dconverteriscontrolledusingfiveregisters.Areadonlyregisterpair
existstostoretheADCdata12-bitvalue.Theremainingthreeregistersarecontrolregisterswhich
setuptheoperatingandcontrolfunctionoftheA/Dconverter.
Name
Bit
7
6
5
4
3
2
1
0
SADOL(ADRFS=0)
D�
D�
D1
D0
—
—
—
—
SADOL(ADRFS=1)
D7
D�
D5
D4
D�
D�
D1
D0
SADOH(ADRFS=0)
D11
D10
D9
D8
D7
D�
D5
D4
SADOH(ADRFS=1)
—
—
—
—
D11
D10
D9
D8
SADC0
START
ADBZ
ENADC
ADRFS
SACS�
SACS�
SACS1
SACS0
SADC1
SAINS�
SAINS1
SAINS0
SAVRS1
SAVRS0 SACKS� SACKS1 SACKS0
A/D Converter Data Registers – SADOL, SADOH
Asthedevicecontainsaninternal12-bitA/Dconverter,itrequirestwodataregisterstostorethe
convertedvalue.Theseareahighbyteregister,knownasSADOH,andalowbyteregister,known
asSADOL.Aftertheconversionprocesstakesplace,theseregisterscanbedirectlyreadbythe
microcontrollertoobtainthedigitisedconversionvalue.Asonly12bitsofthe16-bitregisterspace
isutilised,theformatinwhichthedataisstorediscontrolledbytheADRFSbitintheSADC0
registerasshownintheaccompanyingtable.D0~D11aretheA/Dconversionresultdatabits.
Anyunusedbitswillbereadaszero.NotethattheA/Dconverterdataregistercontentswillbe
unchangedtozeroiftheA/Dconverterisdisabled.
ADRFS
SADOH
SADOL
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
0
D11 D10 D9 D8 D7 D� D5 D4 D� D� D1 D0
0
0
0
0
1
0
0
0
0
D11 D10 D9 D8 D7 D� D5 D4 D� D� D1 D0
A/D Data Registers
A/D Converter Control Registers – SADC0, SADC1, PASR
TocontrolthefunctionandoperationoftheA/Dconverter,severalcontrolregistersknownas
SADC0andSADC1areprovided.These8-bitregistersdefinefunctionssuchastheselectionof
whichanalogchannelisconnectedtotheinternalA/Dconverter,thedigitiseddataformat,theA/D
clocksourceaswellascontrollingthestartfunctionandmonitoringtheA/Dconverterbusystatus.
TheSACS3~SACS0bitsintheSADC0registerareusedtodeterminewhichexternalchannelinput
isselectedtobeconverted.TheSAINS2~SAINS0bitsintheSADC1registerareusedtodetermine
thattheanalogsignaltobeconvertedcomesfromtheinternalanalogsignalorexternalanalog
channelinput.IftheSAINS2~SAINS0bitsaresetto“000”,theexternalanalogchannelinputis
selectedtobeconvertedandtheSACS3~SACS0bitscandeterminewhichexternalchannelis
selectedtobeconverted.IftheSAINS2~SAINS0bitsaresetto“001”,theVBGvoltageisselectedto
beconverted.IftheSAINS2~SAINS0bitsaresetto“010”,theOPAoutputvoltageisselectedtobe
converted.TheinternalanalogsignalscanbederivedfromtheA/Dconvertersupplypower,VDD,or
internalreferencevoltage,VREF.Iftheinternalanalogsignalisselectedtobeconverted,theexternal
channelsignalinputwillautomaticallybeswitchedofftoavoidthesignalcontention.
Thepin-sharedfunctioncontrolregister,namedPASR,containsthecorrespondingpin-shared
selectionbitswhichdeterminewhichpinsonPortAareusedasanaloginputsfortheA/Dconverter
inputandwhichpinsarenottobeusedastheA/Dconverterinput.Whenthepinisselectedtobe
anA/Dinput,itsoriginalfunctionwhetheritisanI/Oorotherpin-sharedfunctionwillberemoved.
Inaddition,anyinternalpull-highresistorsconnectedtothesepinswillbeautomaticallyremovedif
thepinisselectedtobeanA/Dinput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com