Electronic Components Datasheet Search
  English  ▼

X  

HT45F5Q Datasheet(PDF) 75 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 114 page
background image
Rev. 1.10
74
De�e��e� 1�� �01�
Rev. 1.10
75
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
SADC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
START
ADBZ
ENADC
ADRFS
SACS�
SACS�
SACS1
SACS0
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
START:StarttheA/Dconversion
0→1→0:StartA/Dconversion
0→1:ResettheA/DconverterandsetADBZto0
1→0:StartA/DconversionandsetADBZto1
Bit6
ADBZ:ADCbusyflag
0:A/Dconversionendedornoconversion
1:A/Disbusy
Bit5
ENADC:ADCenable/disablecontrolregister
0:ADCdisable
1:ADCenable
Bit4
ADRFS:A/Doutputdataformatselectionbit
0:ADCoutputdataformatàSADOH=D[11:4];SADOL=D[3:0]
1:ADCoutputdataformatàSADOH=D[11:8];SADOL=D[7:0]
Bit3~0
SACS3~SACS0:ADCinputchannelsselection
0000:ADCinputchannelcomesfromAN0
0001:ADCinputchannelcomesfromAN1
0010:ADCinputchannelcomesfromAN2
0011:ADCinputchannelcomesfromAN3
0100:ADCinputchannelcomesfromVsense
Othervalues:ADCinputisfloating
SADC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
SAINS�
SAINS1
SAINS0 SAVRS1 SAVRS0 SACKS� SACKS1 SACKS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~5
SAINS2~SAINS0:InternalADCinputchannelselectionbit
000:ADCinputonlycomesfromexternalpin
001:ADCinputalsocomesfromVBG
010:ADCinputalsocomesfrom10×IS
011:GND
100:GND
101:Thesameas000
110:Thesameas000
111:Thesameas000
Bit4~3
SAVRS1~SAVRS0:ADCreferencevoltageselection
00:ReferencevoltageonlycomesfromVREF
01:ReferencevoltageonlycomesfromVDD
10:Thesameas00
11:Thesameas00
Note:WhenSelectVREFasADCreferencevoltage,thepinsharecontrolbits(PAS2,
PAS1)is(1,0)toselectVREFasinput.
Bit2~0
SACKS2~SACKS0:ADCclockrateselectionbit
000:fSYS
001:fSYS/2
010:fSYS/4
011:fSYS/8
100:fSYS/16
101:fSYS/32
110:fSYS/64
111:fSYS/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com