Electronic Components Datasheet Search
  English  ▼

X  

HT45F5Q Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
Rev. 1.10
10
De�e��e� 1�� �01�
Rev. 1.10
11
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
IOLTotal..................................................................................................................................... 80mA
IOHTotal....................................................................................................................................-80mA
TotalPowerDissipation......................................................................................................... 500mW
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.
D.C. Characteristics
Ta=25˚C
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage (HIRC)
— fSYS=8MHz
�.�
—
5.5
V
IDD
Ope�ating Cu��ent (HIRC)
�V No load� all pe�iphe�als off�
WDT ena�le� LVR ena�le� OPA
ena�le� OCP/OVP ena�le
fSYS = fHIRC = 8MHz
—
0.8
�.0
�A
5V
—
1.5
�.0
�A
Ope�ating Cu��ent (LIRC)
�V No load� all pe�iphe�als off�
OPA ena�le �OCP/OVP ena�le
fSYS = fLIRC = ��kHz
—
0.�5
1.�
�A
5V
—
0.5�
1.�
�A
IIDLE
IDLE0 Mode Stand�y Cu��ent
(LIRC)
5V
No load� ADC off� WDT ena�le�
LVR disa�le� OPA ena�le�
OCP/OVP ena�le
—
0.47
1.0
�A
IDLE1 Mode Stand�y Cu��ent
(HIRC)
5V
No load� ADC off� WDT ena�le�
fSYS=8MHz on� OPA ena�le�
OCP/OVP ena�le
—
0.89
�.0
�A
ISLEEP
SLEEP0 Mode Stand�y Cu��ent
(LIRC off)
5V
No load� ADC off� WDT disa�le�
LVR disa�le� OPA ena�le�
OCP/OVP ena�le
—
0.4�
1.0
�A
SLEEP1 Mode Stand�y Cu��ent
(LIRC on)
5V
No load� ADC off� WDT ena�le�
LVR disa�le� OPA ena�le�
OCP/OVP ena�le
—
0.47
1.0
�A
VIL
Input Low Voltage fo� I/O Po�ts
ex�ept RES pin
5V
—
0
—
1.5
V
—
0
—
0.�VDD
V
Input Low Voltage (RES)
—
—
0
—
0.4VDD
V
VIH
Input High Voltage fo� I/O Po�ts
ex�ept RES pin
5V
—
�.5
—
5
V
—
0.8VDD
—
VDD
V
Input High Voltage (RES)
—
—
0.9VDD
—
VDD
V
IOL
I/O Sink Cu��ent
�V
VOL=0.1VDD
1�
�0
—
�A
5V
40
�8
—
�A
IOH
I/O Sou��e Cu��ent
�V
VOH=0.9VDD
-4
-8
—
�A
5V
-8
-1�
—
�A
RPH
Pull-high Resistan�e
�V
—
�0
�0
100
kΩ
5V
—
10
�0
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com