Electronic Components Datasheet Search
  English  ▼

X  

HT45F5Q Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45F5Q
Description  Charger Flash MCU
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5Q Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45F5Q Datasheet HTML 60Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 61Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 62Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 63Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 64Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 65Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 66Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 67Page - Holtek Semiconductor Inc HT45F5Q Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
Rev. 1.10
�4
De�e��e� 1�� �01�
Rev. 1.10
�5
De�e��e� 1�� �01�
HT45F5Q
Charger Flash MCU
HT45F5Q
Charger Flash MCU
STM0AL Register
Bit
7
6
5
4
3
2
1
0
Na�e
D7
D�
D5
D4
D�
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
STMCCRALowByteRegisterbit7~bit0
STM10-bitCounterbit7~bit0
STM0AH Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R
R
POR
—
—
—
—
—
—
0
0
Bit7~2
Unimplemented,readas"0"
Bit1~0
STMCCRAHighByteRegisterbit1~bit0
STM10-bitCounterbit9~bit8
Standard Type TM Operating Modes
TheStandardTypeTMcanoperateinoneoffiveoperatingmodes,CompareMatchOutputMode,
PWMOutputMode,SinglePulseOutputMode,CaptureInputModeorTimer/CounterMode.The
operatingmodeisselectedusingtheST0M1andST0M0bitsintheSTM0C1register.
Compare Output Mode
Toselectthismode,bitsST0M1andST0M0intheSTM0C1register,shouldbesetto00
respectively.Inthismodeoncethecounterisenabledandrunningitcanbeclearedbythree
methods.Theseareacounteroverflow,acomparematchfromComparatorAandacomparematch
fromComparatorP.WhentheST0CCLRbitislow,therearetwowaysinwhichthecountercanbe
cleared.OneiswhenacomparematchfromComparatorP,theotheriswhentheCCRPbitsareall
zerowhichallowsthecountertooverflow.HerebothSTMA0FandSTMP0Finterruptrequestflags
forComparatorAandComparatorPrespectively,willbothbegenerated.
IftheST0CCLRbitintheSTM0C1registerishighthenthecounterwillbeclearedwhenacompare
matchoccursfromComparatorA.However,hereonlytheSTMA0Finterruptrequestflagwill
begeneratedevenifthevalueoftheCCRPbitsislessthanthatoftheCCRAregisters.Therefore
whenST0CCLRishighnoSTMP0Finterruptrequestflagwillbegenerated.IntheCompare
MatchOutputMode,theCCRAcannotbesetto“0”.IftheCCRAbitsareallzero,thecounterwill
overflowwhenitsreachesitsmaximum10-bit,3FFHex,value,howeverheretheSTMA0Finterrupt
requestflagwillnotbegenerated.
Asthenameofthemodesuggests,afteracomparisonismade,theSTMoutputpin,willchange
state.TheSTMoutputpinconditionhoweveronlychangesstatewhenanSTMA0Finterruptrequest
flagisgeneratedafteracomparematchoccursfromComparatorA.TheSTMP0Finterruptrequest
flag,generatedfromacomparematchoccursfromComparatorP,willhavenoeffectontheSTM
outputpin.ThewayinwhichtheSTMoutputpinchangesstatearedeterminedbytheconditionof
theST0IO1andST0IO0bitsintheSTM0C1register.TheSTMoutputpincanbeselectedusing
theST0IO1andST0IO0bitstogohigh,togolowortotogglefromitspresentconditionwhena
comparematchoccursfromComparatorA.TheinitialconditionoftheSTMoutputpin,whichis
setupaftertheST0ONbitchangesfromlowtohigh,issetupusingtheST0OCbit.Notethatifthe
ST0IO1andST0IO0bitsarezerothennopinchangewilltakeplace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com