Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 185 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 185 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 181Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 182Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 183Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 184Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 185Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 186Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 187Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 188Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 189Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 231 page
background image
Rev. 1.60
18�
�ove��e� ��� �01�
Rev. 1.60
18�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
LVD Interrupt
TheLowVoltageDetectorInterruptiscontainedwithintheMulti-functionInterrupt.AnLVD
InterruptrequestwilltakeplacewhentheLVDInterruptrequestflag,LVF,isset,whichoccurs
whentheLowVoltageDetectorfunctiondetectsalowpowersupplyvoltage.Toallowtheprogram
tobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenablebit,EMI,LowVoltage
Interruptenablebit,LVE,andassociatedMulti-functioninterruptenablebit,mustfirstbeset.When
theinterruptisenabled,thestackisnotfullandalowvoltageconditionoccurs,asubroutinecallto
theMulti-functionInterruptvector,willtakeplace.WhentheLowVoltageInterruptisserviced,the
EMIbitwillbeautomaticallyclearedtodisableotherinterrupts,howeveronlytheMulti-function
interruptrequestflagwillbealsoautomaticallycleared.AstheLVFflagwillnotbeautomatically
cleared,ithastobeclearedbytheapplicationprogram.
TM Interrupts
TheCompactandStandardTypeTMshavetwointerruptseach,whiletheEnhancedTypeTMhas
threeinterrupts.AlloftheTMinterruptsarecontainedwithintheMulti-functionInterrupts.Foreach
oftheCompactandStandardTypeTMstherearetwointerruptrequestflagsTnPFandTnAFand
twoenablebitsTnPEandTnAE.FortheEnhancedTypeTMtherearethreeinterruptrequestflags
TnPF,TnAFandTnBFandthreeenablebitsTnPE,TnAEandTnBE.ATMinterruptrequestwill
takeplacewhenanyoftheTMrequestflagsareset,asituationwhichoccurswhenaTMcomparator
P,AorBmatchsituationhappens.
Toallowtheprogramtobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenable
bit,EMI,respectiveTMInterruptenablebit,andrelevantMulti-functionInterruptenablebit,MFnE,
mustfirstbeset.Whentheinterruptisenabled,thestackisnotfullandaTMcomparatormatch
situationoccurs,asubroutinecalltotherelevantMulti-functionInterruptvectorlocations,willtake
place.WhentheTMinterruptisserviced,theEMIbitwillbeautomaticallyclearedtodisableother
interrupts,howeveronlytherelatedMFnFflagwillbeautomaticallycleared.AstheTMinterrupt
requestflagswillnotbeautomaticallycleared,theyhavetobeclearedbytheapplicationprogram.
UART Interrupt
TheUARTInterruptiscontainedwithintheMulti-functionInterrupt.AUARTInterruptrequestwill
takeplacewhentheUARTInterruptrequestflag,URF,isset,whichoccurswhenabyteofdatahas
beenreceivedortransmittedbytheSIMinterfaceoranerrorconditionoccurs.Toallowtheprogram
tobranchtoitsrespectiveinterruptvectoraddress,theglobalinterruptenablebit,EMI,andthe
UARTInterruptenablebit,URE,andMuti-functioninterruptenablebits,mustfirstbeset.When
theinterruptisenabled,thestackisnotfullandaUARTinterruptconditionoccurs,asubroutine
calltotherespectiveMulti-functionInterruptvector,willtakeplace.WhentheUARTInterruptis
serviced,theEMIbitwillbeautomaticallyclearedtodisableotherinterrupts,howeveronlythe
Multi-functioninterruptrequestflagwillbealsoautomaticallycleared.AstheURFflagwillnotbe
automaticallycleared,ithastobeclearedbytheapplicationprogram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com