Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 188 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 188 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 184Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 185Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 186Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 187Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 188Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 189Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 190Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 191Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 192Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 231 page
background image
Rev. 1.60
188
�ove��e� ��� �01�
Rev. 1.60
189
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
UART External Interface
Tocommunicatewithanexternalserialinterface,theinternalUARThastwoexternalpinsknown
asTXandRX.TheTXpinistheUARTtransmitterpin,whichcanbeusedasageneralpurpose
I/Oorotherpin-sharedfunctionalpinifthepinisnotconfiguredasaUARTtransmitter,which
occurswhentheTXENbitintheUCR2controlregisterisequaltozero.Similarly,theRXpinisthe
UARTreceiverpin,whichcanalsobeusedasageneralpurposeI/Opin,ifthepinisnotconfigured
asareceiver,whichoccursiftheRXENbitintheUCR2registerisequaltozero.Alongwiththe
UARTENbit,theTXENandRXENbits,ifset,willautomaticallysetuptheseI/Opinsorotherpin-
sharedfunctionaltotheirrespectiveTXoutputandRXinputconditionsanddisableanypull-high
resistoroptionwhichmayexistontheTXandRXpins.
UART Data Transfer Scheme
TheblockdiagramshowstheoveralldatatransferstructurearrangementfortheUARTinterface.
TheactualdatatobetransmittedfromtheMCUisfirsttransferredtotheTXRregisterbythe
applicationprogram.ThedatawillthenbetransferredtotheTransmitShiftRegisterfromwhereit
willbeshiftedout,LSBfirst,ontotheTXpinataratecontrolledbytheBaudRateGenerator.Only
theTXRregisterismappedontotheMCUDataMemory,theTransmitShiftRegisterisnotmapped
andisthereforeinaccessibletotheapplicationprogram.
DatatobereceivedbytheUARTisacceptedontheexternalRXpin,fromwhereitisshiftedin,
LSBfirst,totheReceiverShiftRegisterataratecontrolledbytheBaudRateGenerator.When
theshiftregisterisfull,thedatawillthenbetransferredfromtheshiftregistertotheinternalRXR
register,whereitisbufferedandcanbemanipulatedbytheapplicationprogram.OnlytheRXR
registerismappedontotheMCUDataMemory,theReceiverShiftRegisterisnotmappedandis
thereforeinaccessibletotheapplicationprogram.
Itshouldbenotedthattheactualregisterfordatatransmissionandreception,althoughreferredto
inthetext,andinapplicationprograms,asseparateTXRandRXRregisters,onlyexistsasasingle
sharedregisterintheDataMemory.ThissharedregisterknownastheTXR/RXRregisterisusedfor
bothdatatransmissionanddatareception.
UART Status and Control Registers
TherearefivecontrolregistersassociatedwiththeUARTfunction.TheUSR,UCR1andUCR2
registerscontroltheoverallfunctionoftheUART,whiletheBRGregistercontrolstheBaudrate.
TheactualdatatobetransmittedandreceivedontheserialinterfaceismanagedthroughtheTXR/
RXRdataregisters.
TXR/RXR Register
TheTXR/RXRregisteristhedataregisterwhichisusedtostorethedatatobetransmittedonthe
TXpinorbeingreceivedfromtheRXpin.
Bit
7
6
5
4
3
2
1
0
�a�e
TXRX7
TXRX6
TXRX�
TXRX�
TXRX3
TXRX�
TXRX1
TXRX0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
“x”:unknown
Bit7~0
TXRX7~TXRX0:UARTTransmit/ReceiveDatabits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com