Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 191 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 191 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 187Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 188Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 189Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 190Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 191Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 192Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 193Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 194Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 195Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 231 page
background image
Rev. 1.60
190
�ove��e� ��� �01�
Rev. 1.60
191
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
UCR1 Register
TheUCR1registertogetherwiththeUCR2registeraretheUARTcontrolregistersthatareused
tosetthevariousoptionsfortheUARTfunctionsuchasoverallon/offcontrol,paritycontrol,data
transferbitlength,etc.Furtherexplanationoneachofthebitsisgivenbelow:
Bit
7
6
5
4
3
2
1
0
�a�e
UARTE�
B�O
PRE�
PRT
STOPS
TXBRK
RX8
TX8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
W
POR
0
0
0
0
0
0
x
0
“x”:unknown
Bit7
UARTEN:UARTfunctionenablecontrol
0:disableUART.TXandRXpinsareI/Oorotherpin-sharedfunctions
1:enableUART.TXandRXpinsfunctionasUARTpins
TheUARTENbitistheUARTenablebit.Whenthisbitisequalto“0”,theUART
willbedisabledandtheRXpinaswellastheTXpinwillbesetasI/Oorotherpin-
sharedfunctions.Whenthebitisequalto“1”,theUARTwillbeenabledandtheTX
andRXpinswillfunctionasdefinedbytheTXENandRXENenablecontrolbits.
WhentheUARTisdisabled,itwillemptythebuffersoanycharacterremainingin
thebufferwillbediscarded.Inaddition,thevalueofthebaudratecounterwillbe
reset.IftheUARTisdisabled,allerrorandstatusflagswillbereset.AlsotheTXEN,
RXEN,TXBRK,RXIF,OERR,FERR,PERRandNFbitswillbecleared,whilethe
TIDLE,TXIFandRIDLEbitswillbeset.OthercontrolbitsinUCR1,UCR2and
BRGregisterswillremainunaffected.IftheUARTisactiveandtheUARTENbitis
cleared,allpendingtransmissionsandreceptionswillbeterminatedandthemodule
willberesetasdefinedabove.WhentheUARTisre-enabled,itwillrestartinthe
sameconfiguration.
Bit6
BNO:Numberofdatatransferbitsselection
0:8-bitdatatransfer
1:9-bitdatatransfer
Thisbitisusedtoselectthedatalengthformat,whichcanhaveachoiceofeither
8-bitor9-bitformat.Whenthisbitisequalto“1”,a9-bitdatalengthformatwillbe
selected.Ifthebitisequalto“0”,thenan8-bitdatalengthformatwillbeselected.If
9-bitdatalengthformatisselected,thenbitsRX8andTX8willbeusedtostorethe
9thbitofthereceivedandtransmitteddatarespectively.
Bit5
PREN:Parityfunctionenablecontrol
0:Parityfunctionisdisabled
1:Parityfunctionisenabled
Thisbitistheparityfunctionenablebit.Whenthisbitisequalto1,theparityfunction
willbeenabled.Ifthebitisequalto0,thentheparityfunctionwillbedisabled.
Bit4
PRT:Paritytypeselectionbit
0:Evenparityforparitygenerator
1:Oddparityforparitygenerator
Thisbitistheparitytypeselectionbit.Whenthisbitisequalto1,oddparitytypewill
beselected.Ifthebitisequalto0,thenevenparitytypewillbeselected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com