Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 193 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 193 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 189Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 190Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 191Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 192Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 193Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 194Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 195Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 196Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 197Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 231 page
background image
Rev. 1.60
19�
�ove��e� ��� �01�
Rev. 1.60
193
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Bit6
RXEN:UARTReceiverenablecontrol
0:UARTReceiverisdisabled
1:UARTReceiverisenabled
ThebitnamedRXENistheReceiverEnableBit.Whenthisbitisequalto“0”,the
receiverwillbedisabledwithanypendingdatareceptionsbeingaborted.Inaddition
thereceiverbufferswillbereset.InthissituationtheRXpinwillbeusedasanI/Oor
otherpin-sharedfunctionalpin.IftheRXENbitisequalto“1”andtheUARTENbit
isalsoequalto1,thereceiverwillbeenabledandtheRXpinwillbecontrolledbythe
UART.ClearingtheRXENbitduringareceptionwillcausethedatareceptiontobe
abortedandwillresetthereceiver.Ifthissituationoccurs,theRXpinwillbeusedas
anI/Oorotherpin-sharedfunctionalpin.
Bit5
BRGH:BaudRatespeedselection
0:Lowspeedbaudrate
1:Highspeedbaudrate
ThebitnamedBRGHselectsthehighorlowspeedmodeoftheBaudRateGenerator.
Thisbit,togetherwiththevalueplacedinthebaudrateregister,BRG,controlsthe
baudrateoftheUART.Ifthebitisequalto0,thelowspeedmodeisselected.
Bit4
ADDEN:Addressdetectfunctionenablecontrol
0:Addressdetectionfunctionisdisabled
1:Addressdetectionfunctionisenabled
ThebitnamedADDENistheaddressdetectionfunctionenablecontrolbit.Whenthis
bitisequalto1,theaddressdetectionfunctionisenabled.Whenitoccurs,ifthe8th
bit,whichcorrespondstoRX7ifBNO=0,orthe9thbit,whichcorrespondstoRX8
ifBNO=1,hasavalueof“1”,thenthereceivedwordwillbeidentifiedasanaddress,
ratherthandata.Ifthecorrespondinginterruptisenabled,aninterruptrequestwillbe
generatedeachtimethereceivedwordhastheaddressbitset,whichisthe8thor9th
bitdependingonthevalueoftheBNObit.Iftheaddressbitknownasthe8thor9th
bitofthereceivedwordis“0”withtheaddressdetectionfunctionbeingenabled,an
interruptwillnotbegeneratedandthereceiveddatawillbediscarded.
Bit3
WAKE:RXpinfallingedgewake-upfunctionenablecontrol
0:RXpinwake-upfunctionisdisabled
1:RXpinwake-upfunctionisenabled
Thebitenablesordisablesthereceiverwake-upfunction.Ifthisbitisequalto1and
thedeviceisinIDLEorSLEEPmode,afallingedgeontheRXpinwillwakeupthe
device.Ifthisbitisequalto0andthedeviceisinIDLEorSLEEPmode,anyedge
transitionsontheRXpinwillnotwakeupthedevice.
Bit2
RIE:Receiverinterruptenablecontrol
0:Receiverrelatedinterruptisdisabled
1:Receiverrelatedinterruptisenabled
Thebitenablesordisablesthereceiverinterrupt.Ifthisbitisequalto1andwhenthe
receiveroverrunflagOERRorreceiveddataavailableflagRXIFisset,theUART
interruptrequestflagwillbeset.Ifthisbitisequalto0,theUARTinterruptrequest
flagwillnotbeinfluencedbytheconditionoftheOERRorRXIFflags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com