Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 195 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 195 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 191Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 192Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 193Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 194Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 195Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 196Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 197Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 198Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 199Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 231 page
background image
Rev. 1.60
19�
�ove��e� ��� �01�
Rev. 1.60
19�
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Calculating the Baud Rate and Error Values
Foraclockfrequencyof4MHz,andwithBRGHsetto0determinetheBRGregistervalueN,the
actualbaudrateandtheerrorvalueforadesiredbaudrateof4800.
FromtheabovetablethedesiredbaudrateBR=
)]
1
(
64
[
N
f
SYS
Re-arrangingthisequationgivesN=
1
)
64
(
BR
f
SYS
GivingavalueforN=
0208
.
12
1
)
64
4800
(
4000000
Toobtaintheclosestvalue,adecimalvalueof12shouldbeplacedintotheBRGregister.Thisgives
anactualorcalculatedbaudratevalueofBR=
4808
)]
1
12
(
64
[
4000000 
Thereforetheerrorisequalto
4800
4800
4808 
=0.16%
Thefollowingtablesshowtheactualvaluesofbaudrateanderrorvaluesforthetwovalueof
BRGH.
Baud
Rate
K/BPS
Baud Rates for BRGH=0
fSYS=4MHz
fSYS=3.579545MHz
fSYS=7.159MHz
BRG
Kbaud
Error(%)
BRG
Kbaud
Error(%)
BRG
Kbaud
Error(%)
0.3
�07
0.300
0.16
18�
0.300
0.00
—
—
—
1.�
�1
1.�0�
0.16
�6
1.190
-0.83
9�
1.�03
0.�3
�.�
��
�.�0�
0.16
��
�.�3�
1.3�
�6
�.380
-0.83
�.8
1�
�.808
0.16
11
�.661
-�.90
��
�.863
1.3�
9.6
6
8.9�9
-6.99
�
9.3�1
-�.90
11
9.3��
-�.90
19.�
�
�0.833
8.�1
�
18.6�3
-�.90
�
18.6�3
-�.90
38.�
—
—
—
—
—
—
�
3�.�86
-�.90
�7.6
0
6�.�00
8.�1
0
��.930
-�.90
1
��.930
-�.90
11�.�
—
—
—
—
—
—
0
111.8�9
-�.90
Baud Rates and Error Values for BRGH=0
Baud
Rate
K/BPS
Baud Rates for BRGH=1
fSYS=4MHz
fSYS=3.579545MHz
fSYS=7.159MHz
BRG
Kbaud
Error(%)
BRG
Kbaud
Error(%)
BRG
Kbaud
Error(%)
0.3
—
—
—
—
—
—
—
—
—
1.�
�07
1.�0�
0.16
18�
1.�03
0.�3
—
—
—
�.�
103
�.�0�
0.16
9�
�.�06
0.�3
18�
�.�06
0.�3
�.8
�1
�.808
0.16
�6
�.76
-0.83
9�
�.811
0.�3
9.6
��
9.61�
0.16
��
9.7�7
1.3�
�6
9.��0
-0.83
19.�
1�
19.�31
0.16
11
18.6�3
-�.90
��
19.���
1.3�
38.�
6
3�.71�
-6.99
�
37.�86
-�.90
11
37.�86
-�.90
�7.6
3
6�.�
8.�1
3
��.930
-�.90
7
��.930
-�.90
11�.�
1
1��
8.�1
1
111.86
-�.90
3
111.86
-�.90
��0
0
��0
0
—
—
—
—
—
—
Baud Rates and Error Values for BRGH=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com