Electronic Components Datasheet Search
  English  ▼

X  

HT45F65 Datasheet(PDF) 190 Page - Holtek Semiconductor Inc

Part # HT45F65
Description  Glucose Meter 8-Bit Flash MCU
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F65 Datasheet(HTML) 190 Page - Holtek Semiconductor Inc

Back Button HT45F65 Datasheet HTML 186Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 187Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 188Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 189Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 190Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 191Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 192Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 193Page - Holtek Semiconductor Inc HT45F65 Datasheet HTML 194Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 231 page
background image
Rev. 1.60
190
�ove��e� ��� �01�
Rev. 1.60
191
�ove��e� ��� �01�
HT45F65/HT45F66/HT45F67
Glucose Meter 8-Bit Flash MCU
Bit3
RIDLE:Receiverstatus
0:datareceptionisinprogress(databeingreceived)
1:nodatareceptionisinprogress(receiverisidle)
TheRIDLEflagisthereceiverstatusflag.Whenthisreadonlyflagis“0”,itindicates
thatthereceiverisbetweentheinitialdetectionofthestartbitandthecompletionof
thestopbit.Whentheflagis“1”,itindicatesthatthereceiverisidle.Betweenthe
completionofthestopbitandthedetectionofthenextstartbit,theRIDLEbitis“1”
indicatingthattheUARTreceiverisidleandtheRXpinstaysinlogichighcondition.
Bit2
RXIF:ReceiveRXRdataregisterstatus
0:RXRdataregisterisempty
1:RXRdataregisterhasavailabledata
TheRXIFflagisthereceivedataregisterstatusflag.Whenthisreadonlyflagis“0”,
itindicatesthattheRXRreaddataregisterisempty.Whentheflagis“1”,itindicates
thattheRXRreaddataregistercontainsnewdata.Whenthecontentsoftheshift
registeraretransferredtotheRXRregister,aninterruptisgeneratedifRIE=1inthe
UCR2register.Ifoneormoreerrorsaredetectedinthereceivedword,theappropriate
receive-relatedflagsNF,FERR,and/orPERRaresetwithinthesameclockcycle.The
RXIFflagisclearedwhentheUSRregisterisreadwithRXIFset,followedbyaread
fromtheRXRregister,andiftheRXRregisterhasnodataavailable.
Bit1
TIDLE:Transmissionstatus
0:datatransmissionisinprogress(databeingtransmitted)
1:nodatatransmissionisinprogress(transmitterisidle)
TheTIDLEflagisknownasthetransmissioncompleteflag.Whenthisreadonly
flagis“0”,itindicatesthatatransmissionisinprogress.Thisflagwillbesetto“1”
whentheTXIFflagis“1”andwhenthereisnotransmitdataorbreakcharacterbeing
transmitted.WhenTIDLEisequalto1,theTXpinbecomesidlewiththepinstate
inlogichighcondition.TheTIDLEflagisclearedbyreadingtheUSRregisterwith
TIDLEsetandthenwritingtotheTXRregister.Theflagisnotgeneratedwhenadata
characterorabreakisqueuedandreadytobesent.
Bit0
TXIF:TransmitTXRdataregisterstatus
0:characterisnottransferredtothetransmitshiftregister
1:characterhastransferredtothetransmitshiftregister(TXRdataregisterisempty)
TheTXIFflagisthetransmitdataregisteremptyflag.Whenthisreadonlyflagis“0”,
itindicatesthatthecharacterisnottransferredtothetransmittershiftregister.When
theflagis“1”,itindicatesthatthetransmittershiftregisterhasreceivedacharacter
fromtheTXRdataregister.TheTXIFflagisclearedbyreadingtheUARTstatus
register(USR)withTXIFsetandthenwritingtotheTXRdataregister.Notethat
whentheTXENbitisset,theTXIFflagbitwillalsobesetsincethetransmitdata
registerisnotyetfull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com