Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 30Page - Renesas Technology Corp S5D9 Datasheet HTML 31Page - Renesas Technology Corp S5D9 Datasheet HTML 32Page - Renesas Technology Corp S5D9 Datasheet HTML 33Page - Renesas Technology Corp S5D9 Datasheet HTML 34Page - Renesas Technology Corp S5D9 Datasheet HTML 35Page - Renesas Technology Corp S5D9 Datasheet HTML 36Page - Renesas Technology Corp S5D9 Datasheet HTML 37Page - Renesas Technology Corp S5D9 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 34 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
Note 4.
Except for P000 to P007, P200, which are input ports.
2.2.4
I/O VOH, VOL, and Other Characteristics
Note 1.
SCL0_A, SDA0_A (total 2 pins).
Note 2.
This is the value when high driving ability is selected in the port drive capability bit in the PmnPFS register.
The selected driving ability is retained in Deep Software Standby mode.
Table 2.6
I/O VOH, VOL, and other characteristics
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Output voltage
IIC
VOL
--
0.4
V
IOL = 3.0 mA
VOL
--
0.6
IOL = 6.0 mA
IIC
*1
VOL
--
0.4
IOL = 15.0 mA
(ICFER.FMPE = 1)
VOL
-0.4
-
IOL = 20.0 mA
(ICFER.FMPE = 1)
ETHERC
VOH
VCC – 0.5
-
-
IOH = –1.0 mA
VOL
--
0.4
IOL = 1.0 mA
Ports P205, P206, P407 to P415,
P602, P708 to P713, PB01 (total 19
pins)
*2
VOH
VCC – 1.0
-
-
IOH = –20 mA
VCC = 3.3 V
VOL
--
1.0
IOL = 20 mA
VCC = 3.3 V
Other output pins
VOH
VCC – 0.5
-
-
IOH = –1.0 mA
VOL
--
0.5
IOL = 1.0 mA
Input leakage current
RES
|Iin|-
-
5.0
μAVin = 0 V
Vin = 5.5 V
Ports P000 to P002, P004 to P006,
P200
--
1.0
Vin = 0 V
Vin = VCC
Ports P003, P007
Before
initialization
--
45.0
Vin = 0 V
Vin = VCC
After
initialization
--
1.0
Vin = 0 V
Vin = VCC
Three-state leakage
current (off state)
5V-tolerant ports
|ITSI|-
-
5.0
μAVin = 0 V
Vin = 5.5 V
Other ports (except for ports P000
to P007, P200)
--
1.0
Vin = 0 V
Vin = VCC
Input pull-up MOS current
Ports P0 to PB (except for ports
P000 to P007)
Ip
–300
-
–10
μA
VCC = 2.7 to 3.6 V
Vin = 0 V
Input capacitance
USB_DP, USB_DM, and ports
P003, P007, P014, P015, P400,
P401, P511, P512
Cin
-
-
16
pF
Vbias = 0V
Vamp = 20mV
f = 1 MHz
Ta = 25°C
Other input pins
-
-
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com