Electronic Components Datasheet Search
  English  ▼

X  

S5D9 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # S5D9
Description  Microcontroller
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 10Page - Renesas Technology Corp S5D9 Datasheet HTML 11Page - Renesas Technology Corp S5D9 Datasheet HTML 12Page - Renesas Technology Corp S5D9 Datasheet HTML 13Page - Renesas Technology Corp S5D9 Datasheet HTML 14Page - Renesas Technology Corp S5D9 Datasheet HTML 15Page - Renesas Technology Corp S5D9 Datasheet HTML 16Page - Renesas Technology Corp S5D9 Datasheet HTML 17Page - Renesas Technology Corp S5D9 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 14 of 115
Nov 3, 2016
S5D9
1. Overview
1.4
Function Comparison
Table 1.15
Functional comparison (Graphics)
Function
Part numbers
R7FS5D97E2XXXCBG/
R7FS5D97C2XXXCBG
R7FS5D97E3XXXCFC/
R7FS5D97C3XXXCFC
R7FS5D97E2XXXCLK/
R7FS5D97C2XXXCLK
R7FS5D97E3XXXCFB/
R7FS5D97C3XXXCFB
R7FS5D97E3XXXCFP/
R7FS5D97C3XXXCFP
Pin count
176
176
145
144
100
Package
BGA
LQFP
LGA
LQFP
LQFP
Code flash memory
2/1 MB
Data flash memory
64 KB
SRAM
640 KB
Parity
608 KB
ECC
32 KB
Standby SRAM
8 KB
System
CPU clock
120 MHz
Backup
registers
512 B
ICU
Yes
KINT
8
Event link
ELC
Yes
DMA
DTC
Yes
DMAC
8
BUS
External bus
16-bit bus
8-bit bus
SDRAM
Yes
No
Timers
GPT32EH
4
4
4
4
4
GPT32E
44
444
GPT32
6
6
6
6
5
AGT
2
2
2
2
2
RTC
Yes
WDT/IWDT
Yes
Communication
SCI
10
IIC
3
2
SPI
2
SSIE
2
1
QSPI
1
SDHI
2
CAN
2
USBFS
Yes
USBHS
Yes
No
ETHERC
1
Analog
ADC12
24
22
19
DAC12
2
ACMPHS
6
TSN
Yes
HMI
CTSU
13
18
12
Graphics
GLCDC
RGB888
DRW
Yes
JPEG
Yes
PDC
Yes
Data processing
CRC
Yes
DOC
Yes
SRC
Yes
Security
SCE7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com